Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7142 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7142
Descripción Electrónicos  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7142_17 Datasheet HTML 6Page - Analog Devices AD7142_17 Datasheet HTML 7Page - Analog Devices AD7142_17 Datasheet HTML 8Page - Analog Devices AD7142_17 Datasheet HTML 9Page - Analog Devices AD7142_17 Datasheet HTML 10Page - Analog Devices AD7142_17 Datasheet HTML 11Page - Analog Devices AD7142_17 Datasheet HTML 12Page - Analog Devices AD7142_17 Datasheet HTML 13Page - Analog Devices AD7142_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
AD7142
Data Sheet
Rev. B | Page 10 of 70
TYPICAL PERFORMANCE CHARACTERISTICS
VCC (V)
820
860
840
920
900
880
940
960
980
1000
2.7
2.9
2.8
3.0
3.1
3.2
3.3
3.4
3.5
3.6
DEVICE 3
DEVICE 1
DEVICE 2
Figure 8. Supply Current vs. Supply Voltage
(VCC = AVCC + DVCC, ICC = AICC + DICC)
2.7
2.8
2.9
3.0
3.1
3.2
3.4
3.3
3.5
3.6
VCC (V)
40
60
100
80
120
140
160
180
LP_CONV_DELAY = 200ms
LP_CONV_DELAY = 400ms
LP_CONV_DELAY = 600ms
LP_CONV_DELAY = 800ms
Figure 9. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 256 (VCC = AVCC + DVCC, ICC = AICC + DICC)
2.7
2.8
2.9
3.0
3.10
3.2
3.4
3.3
3.5
3.6
VCC (V)
20
40
60
80
100
120
LP_CONV_DELAY = 200ms
LP_CONV_DELAY = 600ms
LP_CONV_DELAY = 800ms
LP_CONV_DELAY = 400ms
Figure 10. Low Power Supply Current vs. Supply Voltage
Decimation Rate = 128 (VCC = AVCC + DVCC, ICC = AICC + DICC)
1.40
1.55
1.70
1.85
2.00
2.15
2.30
2.45
2.7
2.9
2.8
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
DEVICE 2
DEVICE 3
DEVICE 1
Figure 11. Shutdown Supply Current vs. Supply Voltage
(VCC = AVCC + DVCC, ICC = AICC + DICC)
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0
50
100 150 200 250 300 350 400 450 500
CAPACITANCE LOAD ON SOURCE (pF)
DEVICE 3
DEVICE 2
DEVICE 1
Figure 12. Supply Current vs. Capacitive Load on SRC (ICC = AICC + DICC)
16015
16010
16005
16000
15995
15990
15985
15980
0
50
100 150 200 250 300 350 400 450 500
CAPACITANCE LOAD ON SOURCE (pF)
DEVICE 3
DEVICE 2
DEVICE 1
Figure 13. Output Code vs. Capacitive Load on SRC


Número de pieza similar - AD7142_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Descripción similar - AD7142_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com