Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7147A Datasheet(PDF) 14 Page - Analog Devices

No. de pieza AD7147A
Descripción Electrónicos  CapTouch Programmable Controller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7147A Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7147A Datasheet HTML 10Page - Analog Devices AD7147A Datasheet HTML 11Page - Analog Devices AD7147A Datasheet HTML 12Page - Analog Devices AD7147A Datasheet HTML 13Page - Analog Devices AD7147A Datasheet HTML 14Page - Analog Devices AD7147A Datasheet HTML 15Page - Analog Devices AD7147A Datasheet HTML 16Page - Analog Devices AD7147A Datasheet HTML 17Page - Analog Devices AD7147A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
AD7147A
Rev. B | Page 13 of 68
Full Power Mode
In full power mode, all sections of the AD7147A remain fully
powered and converting at all times. While a sensor is being
touched, the AD7147A processes the sensor data. If no sensor is
touched, the AD7147A measures the ambient capacitance level
and uses this data for the on-chip compensation routines. In full
power mode, the AD7147A converts at a constant rate. See the
CDC Conversion Sequence Time section for more information.
Low Power Mode
When AD7147A is in low power mode, the POWER_MODE
bits are set to 10 upon device initialization. If the external
sensors are not touched, the AD7147A reduces its conversion
frequency, thereby greatly reducing its power consumption.
The part remains in a reduced power state while the sensors are
not touched. The AD7147A performs a conversion after a delay
defined by the LP_CONV_DELAY bits, and it uses this data to
update the compensation logic and check if the sensors are active.
The LP_CONV_DELAY bits set the delay between conversions
to 200 ms, 400 ms, 600 ms, or 800 ms.
In low power mode, the total current consumption of the
AD7147A is an average of the current used during a conversion
and the current used while the AD7147A is waiting for the next
conversion to begin. For example, when LP_CONV_DELAY
is 400 ms, the AD7147A typically uses 0.85 mA of current for
36 ms and 14 μA of current for 400 ms during the conversion
interval. (Note that these conversion timings can be altered
through the register settings. See the CDC Conversion Sequence
Time section for more information.)
The time for the AD7147A to transition from a full power state
to a reduced power state after the user stops touching the external
sensors is configurable. The PWR_DOWN_TIMEOUT bits in
the Ambient Compensation Control 0 register (AMB_COMP_
CTRL0, Address 0x002) control the time delay before the
AD7147A transitions to the reduced power state after the user
stops touching the sensors.
Low Latency from Touch to Response
In low power mode, the AD7147A remains in a low power state
until proximity is detected on any one of the external sensors.
When proximity is detected, the AD7147A begins a conversion
sequence every 36 ms, or 18 ms, or 9 ms to read back data from
the sensors. The latency between first touch and AD7147A
response is greatly reduced compared to the AD7147 because
the part is already in a full power state by the time the user
touches the sensor.
NO
YES
YES
NO
TIMEOUT
AD7147A SETUP
AND INITIALIZATION
POWER_MODE = 10
USER IN
PROXIMITY
TO SENSOR?
CONVERSION SEQUENCE
EVERY LP_CONV_DELAY
UPDATE COMPENSATION
LOGIC DATA PATH
PROXIMITY TIMER
COUNTDOWN
CONVERSION SEQUENCE
EVERY 9ms, 18ms, OR
36ms FOR SENSOR
READBACK
USER IN
PROXIMITY
TO SENSOR?
Figure 22. Low Power Mode Operation, AD7147A


Número de pieza similar - AD7147A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7147ACPZ-1500RL7 AD-AD7147ACPZ-1500RL7 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147ACPZ-1500RL7 AD-AD7147ACPZ-1500RL7 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147ACPZ-1REEL AD-AD7147ACPZ-1REEL Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147ACPZ-1REEL AD-AD7147ACPZ-1REEL Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147ACPZ-500RL7 AD-AD7147ACPZ-500RL7 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
More results

Descripción similar - AD7147A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com