Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7873 Datasheet(PDF) 17 Page - Analog Devices

No. de pieza AD7873
Descripción Electrónicos  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7873 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7873_17 Datasheet HTML 13Page - Analog Devices AD7873_17 Datasheet HTML 14Page - Analog Devices AD7873_17 Datasheet HTML 15Page - Analog Devices AD7873_17 Datasheet HTML 16Page - Analog Devices AD7873_17 Datasheet HTML 17Page - Analog Devices AD7873_17 Datasheet HTML 18Page - Analog Devices AD7873_17 Datasheet HTML 19Page - Analog Devices AD7873_17 Datasheet HTML 20Page - Analog Devices AD7873_17 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 16 of 28
the AD7873 is approximately 70 Ω. In this mode of operation,
therefore, some voltage is likely to be lost across the internal
switches, and it is unlikely that the internal switch resistance
will track the resistance of the touch screen over temperature
and supply, providing an additional source of error.
Figure 28. Single-Ended Reference Mode (SER/DFR = 1)
The alternative to this situation is to set the SER/DFR bit low.
Again, making a Y coordinate measurement is considered, but
now the +REF and –REF nodes of the ADC are connected
directly to the Y+ and Y– pins. This means the analog-to-digital
conversion is ratiometric. The result of the conversion is always
a percentage of the external resistance, independent of how it
could change with respect to the on resistance of the internal
switches. Figure 29 shows the configuration for a ratiometric
Y coordinate measurement.
Figure 29. Differential Reference Mode (SER/DFR = 0)
The disadvantage of this mode of operation is that during both
the acquisition phase and conversion process, the external
touch screen must remain powered. This results in additional
supply current for the duration of the conversion.
MEASUREMENTS
Temperature Measurement
Two temperature measurement options are available on the
AD7873, the single conversion method and the differential
conversion method. Both methods are based on an on-chip
diode measurement.
In the single conversion method, a diode voltage is digitized
and recorded at a fixed calibration temperature. Any subsequent
polling of the diode provides an estimate of the ambient tempera-
ture through extrapolation from the calibration temperature
diode result. This assumes a diode temperature drift of
approximately –2.1 mV/°C. This method provides a resolution
of approximately 0.3°C and a predicted accuracy of ±3°C.
The differential conversion method is a two-point measurement.
The first measurement is performed with a fixed bias current
into a diode, and the second measurement is performed with a
fixed multiple of the bias current into the same diode. The
voltage difference in the diode readings is proportional to
absolute temperature and is given by the following formula:
(
)
( )
N
q
kT
VBE
ln
/ ×
=
where:
VBE represents the diode voltage.
N is the bias current multiple.
k is Boltzmann’s constant.
q is the electron charge.
This method provides more accurate absolute temperature
measurement of ±2°C. However, the resolution is reduced to
approximately 1.6°C. Assuming a current multiple of 105
(typical for the AD7873) taking Boltzmann’s constant,
k = 1.38054 ×10–23 electrons volts/degrees Kelvin, the electron
charge q = 1.602189 × 10–19, then T, the ambient temperature in
degrees centigrade, can be calculated as follows:
(
) (
)
(
) (
)
Κ
273
10
49
.
2
)
C
(
ln
/
ln
/
3
/
×
×
=
°
×
×
=
×
=
BE
BE
BE
V
T
N
k
q
V
T
N
q
kT
V
where ∆VBE is calculated from the difference in readings from
the first conversion and second conversion.
Figure 30 shows a block diagram of the temperature
measurement mode.
Figure 30. Block Diagram of Temperature Measurement Circuit
+VCC
VREF
GND
Y+
Y–
X+
IN+
IN+
IN–
REF+
ADC CORE
REF–
+VCC
GND
Y+
Y–
X+
IN+
IN+
IN–
REF+
ADC CORE
REF–
I
TEMP0
TEMP1
105 × I
MUX
ADC


Número de pieza similar - AD7873_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

Descripción similar - AD7873_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com