Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7747ARUZ-REEL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7747ARUZ-REEL
Descripción Electrónicos  24-Bit Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7747ARUZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7747ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 9Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 10Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 11Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 12Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 13Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 14Page - Analog Devices AD7747ARUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7747
Rev. 0 | Page 10 of 28
200
–200
064
CAPDAC CODE
150
100
50
0
–50
–100
–150
8
16
24
32404856
Figure 16. CAPDAC Differential Nonlinearity (DNL)
2.0
–2.0
–50
150
TEMPERATURE (°C)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–25
0
25
50
75
100
125
Figure 17. Internal Temperature Sensor Error vs. Temperature
1.0
–3.0
–50
150
TEMPERATURE (°C)
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–25
0
25
50
75
100
125
Figure 18. External Temperature Sensor Error vs. Temperature
0
–120
01k
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
100
200
300
400
500
600
700
800
900
Figure 19. Capacitive Channel Frequency Response;
Conversion Time = 22 ms
0
–120
0
200
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
25
50
75
100
125
150
175
Figure 20. Capacitive Channel Frequency Response;
Conversion Time = 124 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 21. Voltage Channel Frequency Response;
Conversion Time = 122.1 ms


Número de pieza similar - AD7747ARUZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Descripción similar - AD7747ARUZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com