Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7873BRQZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7873BRQZ
Descripción Electrónicos  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7873BRQZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7873BRQZ Datasheet HTML 4Page - Analog Devices AD7873BRQZ Datasheet HTML 5Page - Analog Devices AD7873BRQZ Datasheet HTML 6Page - Analog Devices AD7873BRQZ Datasheet HTML 7Page - Analog Devices AD7873BRQZ Datasheet HTML 8Page - Analog Devices AD7873BRQZ Datasheet HTML 9Page - Analog Devices AD7873BRQZ Datasheet HTML 10Page - Analog Devices AD7873BRQZ Datasheet HTML 11Page - Analog Devices AD7873BRQZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD7873
Rev. F | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. LFCSP Pin Configuration
Figure 4. QSOP/TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
QSOP/
TSSOP
3, 10
1, 10
+VCC
Power Supply Input. The +VCC range for the AD7873 is from 2.2 V to 5.25 V. Both +VCC pins should be
connected directly together.
11
2
X+
X+ Position Input. ADC Input Channel 1.
12
3
Y+
Y+ Position Input. ADC Input Channel 2.
13
4
X–
X– Position Input.
14
5
Y–
Y– Position Input. ADC Input Channel 3.
15
6
GND
Analog Ground. Ground reference point for all circuitry on the AD7873. All analog input signals
and any external reference signals should be referred to this GND voltage.
16
7
VBAT
Battery Monitor Input. ADC Input Channel 4.
1
8
AUX
Auxiliary Input. ADC Input Channel 5.
2
9
VREF
Reference Output for the AD7873. Alternatively, an external reference can be applied to this input.
The voltage range for the external reference is 1.0 V to +VCC. For specified performance, it is 2.5 V on
the AD7873. The internal 2.5 V reference is available on this pin for use external to the device. The
reference output must be buffered before it is applied elsewhere in a system. A 0.1 µF capacitor is
recommended between this pin and GND to reduce system noise effects.
4
11
PENIRQ
Pen Interrupt. CMOS logic open-drain output (requires 10 kΩ to 100 kΩ pull-up resistor externally).
5
12
DOUT
Data Out. Logic output. The conversion result from the AD7873 is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the DCLK input. This output is
high impedance when CS is high.
6
13
BUSY
BUSY Output. Logic output. This output is high impedance when CS is high.
7
14
DIN
Data In. Logic Input. Data to be written to the AD7873 control register is provided on this input and
is clocked into the register on the rising edge of DCLK (see the Control Register section).
8
15
CS
Chip Select Input. Active low logic input. This input provides the dual function of initiating
conversions on the AD7873 and enabling the serial input/output register.
9
16
DCLK
External Clock Input. Logic input. DCLK provides the serial clock for accessing data from the part.
This clock input is also used as the clock source for the AD7873 conversion process.
N/A1
EPAD
Exposed Pad. The exposed pad is not connected internally. For increased reliability of the solder
joints and maximum thermal capability, it is recommended that the pad be soldered to the ground
plane.
1
N/A = not applicable.
AUX
VREF
+VCC
PENIRQ
X+
Y+
+VCC
DCLK
12
11
10
1
3
4
9
2
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER JOINTS
AND MAXIMUM THERMAL CAPABILITY, IT IS
RECOMMENDED THAT THE PAD BE SOLDERED
TO GROUND PLANE.
AD7873
TOP VIEW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X+
Y+
X–
VBAT
GND
Y–
+VCC
CS
DIN
BUSY
+VCC
AUX
VREF
PENIRQ
DOUT
DCLK
AD7873
TOP VIEW
(Not to Scale)


Número de pieza similar - AD7873BRQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873BRQZ AD-AD7873BRQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873BRQZ AD-AD7873BRQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873BRQZ-REEL AD-AD7873BRQZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873BRQZ-REEL AD-AD7873BRQZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873BRQZ-REEL7 AD-AD7873BRQZ-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
More results

Descripción similar - AD7873BRQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com