Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD74111 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD74111
Descripción Electrónicos  Low Cost, Low Power Mono Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 3 Page - Analog Devices

  AD74111 Datasheet HTML 1Page - Analog Devices AD74111 Datasheet HTML 2Page - Analog Devices AD74111 Datasheet HTML 3Page - Analog Devices AD74111 Datasheet HTML 4Page - Analog Devices AD74111 Datasheet HTML 5Page - Analog Devices AD74111 Datasheet HTML 6Page - Analog Devices AD74111 Datasheet HTML 7Page - Analog Devices AD74111 Datasheet HTML 8Page - Analog Devices AD74111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
REV. 0
–2–
AD74111–SPECIFICATIONS
(AVDD = 2.5 V
± 5%, DVDD2 = 2.5 V ± 5%, DVDD1 = 2.5 V ± 5%, fMCLK = 12.288 MHz,
fS = 48 kHz, TA = TMIN to TMAX, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
24
Bits
Signal to Noise Ratio (SNR)
fS = 16 kHz
70
77
dB
Dynamic Range
(20 Hz to 20 kHz, –60 dB Input)
No Filter
fS = 48 kHz
85
dB
fS = 16 kHz
78
85
dB
With A-Weighted Filter
fS = 48 kHz
87
dB
Total Harmonic Distortion + Noise
fS = 48 kHz, PGA = 0 dB
–67
dB
fS = 16 kHz
–75
dB
Programmable Input Gain
12
dB
Gain Step Size
3dB
Offset Error
–55
+30
+80
mV
Full-Scale Input Voltage
0.5
V rms
Input Resistance
4k
Input Capacitance
15
pF
Common-Mode Input Volts
1.125
V
Crosstalk
ADC Input Signal = 1.0 kHz,
100
dB
0 dB; DAC Output = DC
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
24
Bits
Signal to Noise Ratio (SNR)
fS = 16 kHz
80
89
dB
Dynamic Range
(20 Hz to 20 kHz, –60 dB Input)
No Filter
fS = 48 kHz
93
dB
fS = 16 kHz
84
93
dB
With A-Weighted Filter
fS = 48 kHz
95
dB
Total Harmonic Distortion + Noise
fS = 48 kHz
–88
dB
fS = 16 kHz
–88
–81
dB
dB
DC Accuracy
Offset Error
–75
–10
+50
mV
Gain Error
–0.9
+0.175
+0.8
dB
Volume Control Step Size
(1024 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
–60
dB
Mute Attenuation
–100
dB
De-emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage
0.5
V rms
Output Resistance
145
Common Mode Output Volts
1.125
V
Crosstalk
Signal Input ADC = AGND;
95
dB
DAC Output
Level = 1.0 kHz, 0 dB
REFERENCE (Internal)
Absolute Voltage, VREF
1.125
V
VREF TC
50
ppm/
°C


Número de pieza similar - AD74111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRU AD-AD74111YRU Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRU AD-AD74111YRU Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Descripción similar - AD74111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
   High Performance and Low Power Mono Audio CODEC
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
[Old version datasheet]   Automotive, Low-Power, 96-kHz, Mono Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com