Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD73322LYR Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD73322LYR
Descripción Electrónicos  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD73322LYR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD73322LYR Datasheet HTML 7Page - Analog Devices AD73322LYR Datasheet HTML 8Page - Analog Devices AD73322LYR Datasheet HTML 9Page - Analog Devices AD73322LYR Datasheet HTML 10Page - Analog Devices AD73322LYR Datasheet HTML 11Page - Analog Devices AD73322LYR Datasheet HTML 12Page - Analog Devices AD73322LYR Datasheet HTML 13Page - Analog Devices AD73322LYR Datasheet HTML 14Page - Analog Devices AD73322LYR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AD73322L
Rev. A | Page 10 of 48
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VFBN2
28
VINN2
27
VFBP2
26
VINP2
25
VOUTN1
24
VOUTP1
23
VOUTN2
22
VOUTP2
21
AVDD1
20
AGND1
19
SE
18
SDI
17
SDIFS
16
SDOFS
15
VINP1
1
VFBP1
2
VINN1
3
VFBN1
4
REFOUT
5
REFCAP
6
AVDD2 7
AGND2
8
DGND
9
DVDD 10
RESET 11
SCLK 12
MCLK 13
SDO 14
AD73322L
TOP VIEW
(Not to Scale)
Figure 6. 28-Lead Wide Body
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD73322L
TOP VIEW
VFBP1
VINN1
VFBN1
AVDD2
REFCAP
REFOUT
VINP1
VINN2
VFBP2
VINP2
VOUTN2
VOUTP1
VOUTN1
AGND2
DGND
DVDD
SDO
SCLK
RESET
VOUTP2
AVDD1
AGND1
SDOFS
MCLK
SDIFS
SDI
SE
VFBN2
Figure 7. 28-Lead Thin Shrink
44 43 42
41
40 39 38
37 36 35 34
32
VOUTN1
31
VOUTP1
30
NC
27
NC
28
VOUTP2
29
VOUTN2
33
NC
26
AVDD1
25
AVDD1
24
AGND1
23 AGND1
2
REFCAP
3
AVDD2
4
AVDD2
7
AGND2
6
AGND2
5
AGND2
1
REFOUT
8
AGND2
9
DGND
10
DGND
11
DVDD
NC = NO CONNECT
12 13
14
15
16 17 18
19 20 21
22
PIN 1
AD73322L
TOP VIEW
(Not to Scale)
Figure 8. 44-Lead Plastic Thin Quad Flatpack
Table 6. Pin Function Descriptions
Mnemonic
Function
VINP1
Analog Input to the inverting input amplifier on Channel 1’s positive input.
VFBP1
Feedback Connection from the output of the inverting amplifier on Channel 1’s positive input. When the input amplifiers are
bypassed, this pin allows direct access to the positive input of Channel 1’s sigma-delta modulator.
VINN1
Analog Input to the inverting input amplifier on Channel 1’s negative input.
VFBN1
Feedback connection from the output of the inverting amplifier on Channel 1’s negative input. When the input amplifiers are
bypassed, this pin allows direct access to the negative input of Channel 1’s sigma-delta modulator.
REFOUT
Buffered Reference Output, which has a nominal value of 1.2 V.
REFCAP
A bypass capacitor to AGND2 of 0.1 µF is required for the on-chip reference. The capacitor should be fixed to this pin.
AVDD2
Analog Power Supply Connection.
AGND2
Analog Ground/Substrate Connection2.
DGND
Digital Ground/Substrate Connection.
DVDD
Digital Power Supply Connection.
RESET
Active Low Reset Signal. This input resets the entire chip, resetting the control registers and clearing the digital circuitry.


Número de pieza similar - AD73322LYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73322LYR AD-AD73322LYR Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322LYRU AD-AD73322LYRU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

Descripción similar - AD73322LYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com