Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LGT770 Datasheet(PDF) 10 Page - OSRAM GmbH

No. de pieza LGT770
Descripción Electrónicos  Coupling into Light Guides
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT770 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LGT770 Datasheet HTML 6Page - OSRAM GmbH LGT770 Datasheet HTML 7Page - OSRAM GmbH LGT770 Datasheet HTML 8Page - OSRAM GmbH LGT770 Datasheet HTML 9Page - OSRAM GmbH LGT770 Datasheet HTML 10Page - OSRAM GmbH LGT770 Datasheet HTML 11Page - OSRAM GmbH LGT770 Datasheet HTML 12Page - OSRAM GmbH LGT770 Datasheet HTML 13Page - OSRAM GmbH LGT770 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2013-06-28
10
Version 1.0 (Replacement in due course)
LG T770
Package Outline 9) page18
Maßzeichnung 9) Seite 18
Approximate Weight:
34 mg
Gewicht:
34 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S / 336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 % rh
/ 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 % rh /
10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
GPLY6899
0...0.1 (0.004)
Cathode marking
3.0 (0.118)
2.6 (0.102)
2.3 (0.091)
2.1 (0.083)
2.1 (0.083)
1.7 (0.067)
0.6 (0.024)
0.4 (0.016)
1.0 (0.039)
0.9 (0.035)
A
C


Número de pieza similar - LGT770

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LGT770-HL SIEMENS-LGT770-HL Datasheet
493Kb / 8P
   TOPLED RG
LGT770-J SIEMENS-LGT770-J Datasheet
493Kb / 8P
   TOPLED RG
LGT770-JM SIEMENS-LGT770-JM Datasheet
493Kb / 8P
   TOPLED RG
LGT770-K SIEMENS-LGT770-K Datasheet
493Kb / 8P
   TOPLED RG
LGT770-L SIEMENS-LGT770-L Datasheet
493Kb / 8P
   TOPLED RG
More results

Descripción similar - LGT770

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
   coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
   Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
   Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
   Coupling into light guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
   Coupling into Light Guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
   Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
   Coupling into light guides
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
   Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
   Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com