Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No. de pieza G1A
Descripción Electrónicos  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

G1A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  G1A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd G1A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S036
Rev. 1.1, 28-Apr-14
www.21yangjie.com
G1A THRU G1M
■特性曲线(典型) Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
0
0
0.2
Ta)
图 1Io-Ta曲线
FIG1:Io-Ta Curve
160
单相半波60Hz
电阻负载
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
0.4
0.6
0.8
1.0
1.2
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
5
FIG2:Surge Forward Current Capadility
Number of Cycles
10
15
20
25
30
35
8.3ms 正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
VF(V)
图3:正向电压曲线
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃


Número de pieza similar - G1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
G1A GE-G1A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Yea Shin Technology Co....
G1A YEASHIN-G1A Datasheet
136Kb / 2P
   GPP SUR FACE MOUNT RECTIFIER
logo
Sangdest Microelectroni...
G1A SMC-G1A Datasheet
127Kb / 4P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
G1A DYELEC-G1A Datasheet
1Mb / 2P
   0.8 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
More results

Descripción similar - G1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com