Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8500BEEVDF40 Datasheet(PDF) 8 Page - Analog Microelectronics |
|
AME8500BEEVDF40 Datasheet(HTML) 8 Page - Analog Microelectronics |
8 / 14 page AME, Inc. 8 µµµµµProcessor Supervisory AME8500 / 8501 Maximum Unit SOT-23 325 SOT-89 180 SOT-23 350 SOT-89 650 150 oC 300 oC oC / W Parameter Thermal Resistance Maximum Junction Temperature Maximum Lead Temperature (10 Sec) Power Dissipation mW Parameter Rating Unit Supply Voltage 1.6 - 5 V Ambient Temperature Range - 40 to + 85 oC Junction Temperature - 40 to + 125 oC Storage Temperature - 65 to 150 oC Parameter Maximum Unit Supply Voltage 7 V ESD Classification B Input Current, VDD 20 mA Output Current, RESET, ResetB 20 mA Rate of Rise, VDD 100 V/ µs n Absolute Maximum Ratings n Recommended Operating Conditions n Thermal Information Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device |
Número de pieza similar - AME8500BEEVDF40 |
|
Descripción similar - AME8500BEEVDF40 |