Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM84-3012-25-5230 Datasheet(PDF) 4 Page - Willow Technologies Ltd |
|
DM84-3012-25-5230 Datasheet(HTML) 4 Page - Willow Technologies Ltd |
4 / 4 page D 8 × Ø 1,3 2,5 × 2,5 55 15 6 × Ø 1,3 2,5 × 2,5 520 DM84 industrial relays www.aecsensors.com Sales Department Tel: (888) 847-6552 Page 4 of 4 American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516 see Tables 1, 2 Relays DM84 are designed for: • direct PCB mounting • screw terminals plug-in sockets DZT80 and DZM80 with clip DZT80-0040, 35 mm DIN rail mount, EN 50022 or on panel mounting. Signalling / protecting modules type DM... are available with sockets • plug-in sockets for PCB mounting DW80 and DC50 with clip DH16-2. Mounting Mounting openings raster (solder side view) 2C/O 2NO Ordering codes Type Contact material Contact number & arrangement Cover protection category Connection mode Coil code Contact number & arrangement 12 - 2C/O 22 - 2NO Examples of ordering codes: DM84 - 3012 - 25 - 1012 relay DM84, contact material AgSnO2, with two changeover contacts, in cover IP 40, for PCB and sockets, voltage version 12 V DC Contact material 20 - AgNi 23 - AgNi/Au 5 m 30 - AgSnO2 Connection mode 5 - for PCB and sockets Cover protection category 2 - in cover, IP 40 version 3 - in cover, IP 67 waterproof version |
Número de pieza similar - DM84-3012-25-5230 |
|
Descripción similar - DM84-3012-25-5230 |