Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM87L-2011-35-S010 Datasheet(PDF) 2 Page - Willow Technologies Ltd

No. de pieza DM87L-2011-35-S010
Descripción Electrónicos  industrial relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLOW [Willow Technologies Ltd]
Página de inicio  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM87L-2011-35-S010 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DM87L-2011-35-S010 Datasheet HTML 1Page - Willow Technologies Ltd DM87L-2011-35-S010 Datasheet HTML 2Page - Willow Technologies Ltd DM87L-2011-35-S010 Datasheet HTML 3Page - Willow Technologies Ltd DM87L-2011-35-S010 Datasheet HTML 4Page - Willow Technologies Ltd DM87L-2011-35-S010 Datasheet HTML 5Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DM87
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 2 of 5
Coil data - AC 50/60 Hz voltage version
Table 3
1003
1005
1006
1009
1012
1018
1036
1048
1060
1110
1024
5012
5048
5060
5110
5115
5120
5220
5240
5024
5230
3
5
6
9
12
18
36
48
60
110
24
12
48
60
110
115
120
220
240
24
230
22
60
90
200
360
710
3 140
5 700
7 500
25 200
1440
100
1 550
2 600
8 900
9 600
10 200
35 500
42 500
400
38 500
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±15%
±10%
±10%
2.1
3.5
4.2
6.3
8.4
12.6
25.2
33.6
42.0
77.0
16.8
9.6
38.4
19.2
48.0
88.0
92.0
96.0
176.0
192.0
184.0
13.2
57.6
28.8
72.0
132.0
138.0
144.0
264.0
288.0
276.0
7.6
12.7
15.3
22.9
30.6
45.9
91.8
122.4
153.0
280.0
61.2
15.0
18.0
27.0
30.0
36.0
54.0
72.0
144.0
S005
S006
S009
S010
S012
S018
S024
S048
5
6
9
10
12
18
24
48
102
144
330
400
580
1 300
2 300
9 340
3.75
4.50
6.75
7.50
9.00
13.50
18.00
36.00
Coil code
Rated voltage
V AC
Coil resistance
at 20 °C
Acceptable
resistance
Coil operating range at 20 °C
V AC - 50 Hz
max.
min.
Standard coil rated voltages marked with bold type.
Table 1
Coil data - standard DC voltage version
Coil code
Rated voltage
V DC
Coil resistance
±10% at 20 °C
Coil operating range at 20 °C
V DC
max.
min.
Standard coil rated voltages marked with bold type.
Coil data - sensitive DC voltage version (only for DM87N)
Table 2


Número de pieza similar - DM87L-2011-35-S010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
logo
National Semiconductor ...
DM87S181 NSC-DM87S181 Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AJ NSC-DM87S181AJ Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AN NSC-DM87S181AN Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181J NSC-DM87S181J Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
More results

Descripción similar - DM87L-2011-35-S010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com