Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM87N-2011-35-5060 Datasheet(PDF) 2 Page - Willow Technologies Ltd |
|
DM87N-2011-35-5060 Datasheet(HTML) 2 Page - Willow Technologies Ltd |
2 / 5 page DM87 industrial relays www.aecsensors.com Sales Department Tel: (888) 847-6552 Page 2 of 5 Coil data - AC 50/60 Hz voltage version Table 3 1003 1005 1006 1009 1012 1018 1036 1048 1060 1110 1024 5012 5048 5060 5110 5115 5120 5220 5240 5024 5230 3 5 6 9 12 18 36 48 60 110 24 12 48 60 110 115 120 220 240 24 230 22 60 90 200 360 710 3 140 5 700 7 500 25 200 1440 100 1 550 2 600 8 900 9 600 10 200 35 500 42 500 400 38 500 ±10% ±10% ±10% ±10% ±10% ±10% ±10% ±15% ±10% ±10% 2.1 3.5 4.2 6.3 8.4 12.6 25.2 33.6 42.0 77.0 16.8 9.6 38.4 19.2 48.0 88.0 92.0 96.0 176.0 192.0 184.0 13.2 57.6 28.8 72.0 132.0 138.0 144.0 264.0 288.0 276.0 7.6 12.7 15.3 22.9 30.6 45.9 91.8 122.4 153.0 280.0 61.2 15.0 18.0 27.0 30.0 36.0 54.0 72.0 144.0 S005 S006 S009 S010 S012 S018 S024 S048 5 6 9 10 12 18 24 48 102 144 330 400 580 1 300 2 300 9 340 3.75 4.50 6.75 7.50 9.00 13.50 18.00 36.00 Coil code Rated voltage V AC Coil resistance at 20 °C Ω Acceptable resistance Coil operating range at 20 °C V AC - 50 Hz max. min. Standard coil rated voltages marked with bold type. Table 1 Coil data - standard DC voltage version Coil code Rated voltage V DC Coil resistance ±10% at 20 °C Ω Coil operating range at 20 °C V DC max. min. Standard coil rated voltages marked with bold type. Coil data - sensitive DC voltage version (only for DM87N) Table 2 |
Número de pieza similar - DM87N-2011-35-5060 |
|
Descripción similar - DM87N-2011-35-5060 |