Nombre de pieza
         Descripción
NTE1929

 3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics: (VI–VO = 5V, IL = 1.5A, TJ = 0° to +125°C, Pmax = 25W unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Line Regulation
Regline
3V
≤ VI–VO ≤ 35V,
TA = +25°C
0.005
0.03
%/V
Note 3
0.02
0.07
%/V
Load Regulation
Regload
10mA
≤ IL ≤ 3A,
TA = +25°C
5.0
25
mV
VO ≤5V, Note 3
20
70
mV
10mA
≤ IL ≤ 3A,
TA = +25°C
0.1
0.5
% VO
VO ≥5V, Note 3
0.3
1.5
% VO
Thermal Regulation
Regtherm TA = +25°C, Pulse = 20ms
0.002
% VO/W
Adjustment Pin Current
IAdj
50
100
µA
Adjustment Pin Current Change
∆IAdj
3V
≤ VI–VO ≤ 35V, 10mA ≤ IL ≤ 3A,
PD = Pmax
0.2
5.0
µA
Reference Voltage
Vref
3V
≤ VI–VO ≤ 35V, 10mA ≤ IL ≤ 3A,
PD = Pmax
1.20
1.25
1.30
V
Temperature Stability
TS
0
° ≤ TJ ≤ +125°C
1.0
% VO
Minimum Load Current to Maintain
Regulation
ILmin
VI–VO = 35V
3.5
10
mA
Maximum Output Current
Imax
VI–VO ≤ 10V, PD ≤ Pmax
3.0
4.5
A
VI–VO = 30V, PD ≤ Pmax, TA = +25°C
0.25
1.0
A
RMS Noise, % of VO
N
10Hz
≤ f ≤ 10kHz, TA = +25°C
0.003
% VO
Ripple Rejection
RR
VO = 10V, f = 120Hz,
65
dB
Note 4
CAdj = 10µF
66
80
dB
Long–Term Stability
S
TJ = +125°C, Note 5, TA = +25°C for
Endpoint Measurements
0.3
1.0
%/1.0k
Hrs.
Note 3. Load and line regulation are specified at constant junction temperature. Changes in VO due
to heating effects must be taken into account separately. Pulse testing with low duty cycle
is used.
Note 4. CAdj, when used, is connected between the adjustment pin and GND.
Note 5. Since Long–Term Stability cannot be measured on each device before shipment, this speci-
fication is an engineering estimate of average stability from lot to lot.
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250
(6.35)
Max
.147 (3.75)
Dia Max
Tab
.070 (1.78)
Max
.100 (2.54)
Adjust
VOUT/TAB
VIN
.110 (2.79)
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE970Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V 3A 1 2 NTE Electronics
MDLM117-HPOSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreNational Semiconductor
NTE935Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V 5A 1 2 NTE Electronics
OM1324SMMThree Terminal Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages 1 2 3 4 List of Unclassifed Manufacturers
NTE19113 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V 1.5A 1 2 NTE Electronics
LT1585A5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR 1 2 3 4 5 MoreON Semiconductor
ACT8600ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator 1 2 3 4 5 Aeroflex Circuit Technology
TS317CP3-Terminal Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IL1085IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 А 1 2 3 4 Integral Corp.
NTE19183 Terminal Positive Voltage Regulator 15V 3A 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl