Nombre de pieza
         Descripción
NTE1930

 Integrated Circuit Positive Adjustable Voltage Regulator, 5V to 37V, 25mA ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics (Note 2)
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
9
40
V
Output Voltage Range
5
37
V
Input–Output Voltage Differential
3.0
30
V
Load Regulation
0
≤ IO ≤ 25mA, RSC = 0Ω, TA = 25°C, Note 3
0.2
%
0
≤ IO ≤ 25mA, RSC = 0Ω, TA = 70°C, Note 3
0.5
%
0
≤ IO ≤ 25mA, RSC = 0Ω, TA = 0°C, Note 3
0.5
%
Line Regulation
TA = 25°C
0.03
%/V
0
°C ≤ TA ≤ 70°C
0.1
%/V
Feedback Sense Voltage
1.60
1.72
1.80
V
Standby Current Drain
VIN = 30V, TA = 25°C
2.5
mA
Current Limit Sense Voltage
TA = 25°C, RSC = 10Ω,
VOUT = 0V, (Note 4)
300
mV
Note 2. Unless otherwise specified, these specifications apply for temperatures within the operating
temperature range, for input and output voltages within the range given, and for a divider
impedance seen by the feedback terminal of 2k
Ω. Load and line regulation specifications
are for a constant junction temperature. Temperature drift effects must be taken into account
separately when the unit is operating under conditions of high dissipation.
Note 3. The output currents given, as well as the load regulation, can be increased by the addition
of external transistors. The improvement factor will be roughly equal to the composite cur-
rent gain of the added transistors.
Note 4. With no external pass transistor.
Pin Connection Diagram
1
2
3
4
Current Limit
Booster Output
Unregulated Input
GND
8
7
6
5
Regulated Output
Compensation
Feedback
Reference Bypass
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1928Integrated Circuit Positive Adjustable Voltage Regulator 4.5V to 40V 45mA 1 2 3 NTE Electronics
NTE1942Integrated Circuit Positive Adjustable Voltage Regulator 2.85V to 36V 2A 1 2 3 NTE Electronics
NTE935Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V 5A 1 2 NTE Electronics
NTE953Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator 1 2 3 4 NTE Electronics
NTE956Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
NTE970Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V 3A 1 2 NTE Electronics
NTE1900Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
NTE1927Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator 1 2 3 NTE Electronics
NTE1953Integrated Circuit Positive 3 Terminal Voltage Regulator Low Dropout Voltage 10V 1A 1 2 NTE Electronics
NTE7034Integrated Circuit Module 3 Output Positive Voltage Regulator for VCR 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl