Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ17A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No. de pieza SMAJ17A
Descripción Electrónicos  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ17A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMAJ17A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ17A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ17A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ17A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ17A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ17A Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ17A Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMAJ SERIES 
 
2 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA= 25 p
er Fig.2.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
(3)
VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
SMAJ SERIES
F2
0.097
750
3000
24000
7” reel
SMAJ SERIES
F1
0.097
3000
6000
48000
13” reel
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Part
Number(Uni)
Part
Number(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR@
VWM
(6) (μA)
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP
(5)
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Min(V)
Max (V)
IT
(4)(mA)
SMAJ5.0
SMAJ5.0C
6.40
7.30
10
800
5.0
41.7
9.6
SMAJ5.0A
SMAJ5.0CA
6.40
7.07
10
800
5.0
43.5
9.2
SMAJ6.0
SMAJ6.0C
6.67
8.15
10
800
6.0
35.1
11.4
SMAJ6.0A
SMAJ6.0CA
6.67
7.37
10
800
6.0
38.8
10.3
SMAJ6.5
SMAJ6.5C
7.22
8.82
10
500
6.5
32.5
12.3
SMAJ6.5A
SMAJ6.5CA
7.22
7.98
10
500
6.5
35.7
11.2
SMAJ7.0
SMAJ7.0C
7.78
9.51
10
200
7.0
30.1
13.3
SMAJ7.0A
SMAJ7.0CA
7.78
8.60
10
200
7.0
33.3
12.0
SMAJ7.5
SMAJ7.5C
8.33
10.20
1.0
100
7.5
28.0
14.3
SMAJ7.5A
SMAJ7.5CA
8.33
9.21
1.0
100
7.5
31.0
12.9
SMAJ8.0
SMAJ8.0C
8.89
10.90
1.0
50
8.0
26.7
15.0
SMAJ8.0A
SMAJ8.0CA
8.89
9.83
1.0
50
8.0
29.4
13.6
SMAJ8.5
SMAJ8.5C
9.44
11.50
1.0
10
8.5
25.1
15.9
SMAJ8.5A
SMAJ8.5CA
9.44
10.4
1.0
10
8.5
27.8
14.4
SMAJ9.0
SMAJ9.0C
10.0
12.2
1.0
5.0
9.0
23.6
16.9
SMAJ9.0A
SMAJ9.0CA
10.0
11.1
1.0
5.0
9.0
26.0
15.4
SMAJ10
SMAJ10C
11.1
13.6
1.0
5.0
10.0
21.3
18.8
SMAJ10A
SMAJ10CA
11.1
12.3
1.0
5.0
10.0
23.5
17.0
SMAJ11
SMAJ11C
12.2
14.9
1.0
5.0
11.0
19.9
20.1
SMAJ11A
SMAJ11CA
12.2
13.5
1.0
5.0
11.0
22.0
18.2
SMAJ12
SMAJ12C
13.3
16.3
1.0
5.0
12.0
18.2
22.0
SMAJ12A
SMAJ12CA
13.3
14.7
1.0
5.0
12.0
20.1
19.9
SMAJ13
SMAJ13C
14.4
17.6
1.0
5.0
13.0
16.8
23.8
SMAJ13A
SMAJ13CA
14.4
15.9
1.0
5.0
13.0
18.6
21.5
SMAJ14
SMAJ14C
15.6
19.1
1.0
5.0
14.0
15.5
25.8
SMAJ14A
SMAJ14CA
15.6
17.2
1.0
5.0
14.0
17.2
23.2
SMAJ15
SMAJ15C
16.7
20.4
1.0
5.0
15.0
14.8
26.9
SMAJ15A
SMAJ15CA
16.7
18.5
1.0
5.0
15.0
16.4
24.4


Número de pieza similar - SMAJ17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SMAJ17A LITTELFUSE-SMAJ17A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ17A HDSEMI-SMAJ17A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMAJ17A LEIDITECH-SMAJ17A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Cystech Electonics Corp...
SMAJ17A CYSTEKEC-SMAJ17A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Descripción similar - SMAJ17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com