Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ22 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No. de pieza SMAJ22
Descripción Electrónicos  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ22 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMAJ22 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ22 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ22 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ22 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ22 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ22 Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ22 Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMAJ SERIES 
 
2 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA= 25 p
er Fig.2.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
(3)
VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
SMAJ SERIES
F2
0.097
750
3000
24000
7” reel
SMAJ SERIES
F1
0.097
3000
6000
48000
13” reel
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Part
Number(Uni)
Part
Number(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR@
VWM
(6) (μA)
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP
(5)
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Min(V)
Max (V)
IT
(4)(mA)
SMAJ5.0
SMAJ5.0C
6.40
7.30
10
800
5.0
41.7
9.6
SMAJ5.0A
SMAJ5.0CA
6.40
7.07
10
800
5.0
43.5
9.2
SMAJ6.0
SMAJ6.0C
6.67
8.15
10
800
6.0
35.1
11.4
SMAJ6.0A
SMAJ6.0CA
6.67
7.37
10
800
6.0
38.8
10.3
SMAJ6.5
SMAJ6.5C
7.22
8.82
10
500
6.5
32.5
12.3
SMAJ6.5A
SMAJ6.5CA
7.22
7.98
10
500
6.5
35.7
11.2
SMAJ7.0
SMAJ7.0C
7.78
9.51
10
200
7.0
30.1
13.3
SMAJ7.0A
SMAJ7.0CA
7.78
8.60
10
200
7.0
33.3
12.0
SMAJ7.5
SMAJ7.5C
8.33
10.20
1.0
100
7.5
28.0
14.3
SMAJ7.5A
SMAJ7.5CA
8.33
9.21
1.0
100
7.5
31.0
12.9
SMAJ8.0
SMAJ8.0C
8.89
10.90
1.0
50
8.0
26.7
15.0
SMAJ8.0A
SMAJ8.0CA
8.89
9.83
1.0
50
8.0
29.4
13.6
SMAJ8.5
SMAJ8.5C
9.44
11.50
1.0
10
8.5
25.1
15.9
SMAJ8.5A
SMAJ8.5CA
9.44
10.4
1.0
10
8.5
27.8
14.4
SMAJ9.0
SMAJ9.0C
10.0
12.2
1.0
5.0
9.0
23.6
16.9
SMAJ9.0A
SMAJ9.0CA
10.0
11.1
1.0
5.0
9.0
26.0
15.4
SMAJ10
SMAJ10C
11.1
13.6
1.0
5.0
10.0
21.3
18.8
SMAJ10A
SMAJ10CA
11.1
12.3
1.0
5.0
10.0
23.5
17.0
SMAJ11
SMAJ11C
12.2
14.9
1.0
5.0
11.0
19.9
20.1
SMAJ11A
SMAJ11CA
12.2
13.5
1.0
5.0
11.0
22.0
18.2
SMAJ12
SMAJ12C
13.3
16.3
1.0
5.0
12.0
18.2
22.0
SMAJ12A
SMAJ12CA
13.3
14.7
1.0
5.0
12.0
20.1
19.9
SMAJ13
SMAJ13C
14.4
17.6
1.0
5.0
13.0
16.8
23.8
SMAJ13A
SMAJ13CA
14.4
15.9
1.0
5.0
13.0
18.6
21.5
SMAJ14
SMAJ14C
15.6
19.1
1.0
5.0
14.0
15.5
25.8
SMAJ14A
SMAJ14CA
15.6
17.2
1.0
5.0
14.0
17.2
23.2
SMAJ15
SMAJ15C
16.7
20.4
1.0
5.0
15.0
14.8
26.9
SMAJ15A
SMAJ15CA
16.7
18.5
1.0
5.0
15.0
16.4
24.4


Número de pieza similar - SMAJ22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Socay Electornics Co., ...
SMAJ22 SOCAY-SMAJ22 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ22 JGD-SMAJ22 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ22 HORNBY-SMAJ22 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMAJ22 VISHAY-SMAJ22 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
RFE international
SMAJ22 RFE-SMAJ22 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
More results

Descripción similar - SMAJ22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com