Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD-488-60MG Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

No. de pieza LD-488-60MG
Descripción Electrónicos  Cyan Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROITHNER [Roithner LaserTechnik GmbH]
Página de inicio  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD-488-60MG Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  LD-488-60MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD-488-60MG Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD-488-60MG Datasheet HTML 3Page - Roithner LaserTechnik GmbH LD-488-60MG Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.roithner-laser.com
4
Beam Divergence
Precautions
Safety
Caution: Laser light emitted from any laser diode may be harmful to the human eye. Avoid looking directly
into the laser diode’s aperture when the diode is in operation.
Note: The use of optical lenses with this laser diode will increase eye hazard
ESD caution
Always do handle laser diodes with extreme care to prevent electrostatic discharge, the primary cause of
unexpected diode failure. To prevent ESD related failures, it is strongly advised to always wearing wrist
straps, and grounding all applicable work surfaces, when handling laser diodes
Operating Considerations
It is strongly advised to only operate this laser diode with a current source. The current of a laser diode is an
exponential function of the voltage across it. Usage of current regulated drive circuits is mandatory.
Laser diodes may be damaged by excessive drive currents or switching transients
It is advised, to operate the laser diode at the lowest temperature possible, and to never exceed maximum
specifications as outlined in the datasheet. Device degradation will accelerate with increased temperature.
Proper heat sinking will greatly enhance stability and life time of the laser diode
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Número de pieza similar - LD-488-60MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
logo
Axiomtek Co., Ltd.
LD-420 AXIOMTEK-LD-420 Datasheet
126Kb / 1P
   42 Industrial Open Frame LCD Monitor
logo
Roithner LaserTechnik G...
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-450-100SG ROITHNER-LD-450-100SG Datasheet
731Kb / 3P
   Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
   blue laser diode
More results

Descripción similar - LD-488-60MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
   Blue-Cyan Laser Diode in TO56 Package
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
   CYAN LAMP LED
logo
Lite-On Technology Corp...
LOPL-E011C LITEON-LOPL-E011C Datasheet
188Kb / 12P
   1W Cyan Power LED
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
   Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
   Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
   LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
   LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
   LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
   LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
   LASER DIODE
1995
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com