Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4762A Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No. de pieza 1N4762A
Descripción Electrónicos  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4762A Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N4762A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4762A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N4762A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-A004
Rev.1.2, 28-Apr-14
1N47 SERIES
稳压(齐纳)二极管 Zener Diodes
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
●Ptot 1.0W
●Vz
3.3V-100V
■用途  Applications
 
●稳定电压用  Stabilizing Voltage
■极限值(绝对最大额定值)
 
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
损耗功率
Power dissipation
Ptot
W
L=4mm,TL=25℃
1.0
1)
齐纳电流
Zener current
IZ
mA
PV /VZ
最大结温
Maximum junction temperature
Tj
175
存储温度范围
Storage temperature range
Tstg
-65 to +175
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25
Unl
ess otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
典型热阻
(1)
Thermal resistance
RθJA
/W
结到环境,
L=4毫米,TL=常温
junction to ambient air, L=4mm,TL=constant
110
正向电压
Forward voltage
VF
V
IF=200mA
1.2
备注:Notes:
1) 距离管体4毫米引线处的温度设定为环境温度
Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.
1.02(26.0)
MIN
.177(4.50)
MAX
.034(0.86)
MAX
.102(2.60)
MAX
1.02(26.0)
MIN
Dimensions in inches and (millimeters)
DO-41
COMPLIANT
RoHS


Número de pieza similar - 1N4762A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4762A TSC-1N4762A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
1N4762A TRSYS-1N4762A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Microsemi Corporation
1N4762A MICROSEMI-1N4762A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Vishay Siliconix
1N4762A VISHAY-1N4762A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Won-Top Electronics
1N4762A WTE-1N4762A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
More results

Descripción similar - 1N4762A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com