Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10D040 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC10D040
Descripción Electrónicos  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 11Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 13Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 14Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AC Electrical Characteristics
OS = High (Parallel Mode) (Continued)
20029706
Note 8: Typical figures are at TJ = 25˚C, and represent most likely parametric norms.
Note 9: Test limits are guaranteed to National’s AOQL (Average Outgoing Quality Level). Performance is guaranteed only at VREF = 1.4V and a clock duty cycle
of 50%. The limits for VREF and clock duty cycle specify the range over which reasonable performance is expected. Tests are performed and limits guaranteed with
clock low and high levels of 0.3V and VD−0.3V, respectively.
Note 10: IDR is the current consumed by the switching of the output drivers and is primarily determined by the load capacitance on the output pins, the supply
voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR =VDR (CO xfO +C1 xf1 +...+C9 xf9) where VDR is the output driver
power supply voltage, Cn is the total capacitance on the output pin, and fn is the average frequency at which that pin is toggling.
www.national.com
11


Número de pieza similar - ADC10D040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10D040 TI1-ADC10D040 Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS TI1-ADC10D040CIVS Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS/NOPB TI1-ADC10D040CIVS/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results

Descripción similar - ADC10D040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Analog Devices
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com