Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFO-18 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

No. de pieza LFO-18
Descripción Electrónicos  best source for digital
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROITHNER [Roithner LaserTechnik GmbH]
Página de inicio  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LFO-18 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LFO-18 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
09.08.2010
lfo_18_2_ip.doc
1 of 1
Description:
LFO-18/2-ip – is the optical module on the base of uncooled 1,55
μm MQW
InGaAsP/InP Fabry-Perot Mitsubishi laser diode, coupled with singlemode
optical fiber. Hermetically sealed modules are performed in standard
packages with built-in InGaAs monitor photodiode and collimating
gradient microlens. The modules operate in wide temperature range, have
stable output power and lifetime more than 5*105 hours.
LFO-18/2-ip – is the best source for digital (up to 622 Mb/s)
telecommunication lines, optical testers and other metrology devices, local
optical networks and many other applications.
Absolute maximum ratings:
Laser diode
Output power (mW)
3.0
Reverse voltage (V)
2.0
Monitor photodiode
Reverse voltage (V)
10
Forward current (mA)
2.0
Environment
Operating temperature range (оС)
-40.+55
Storage temperature range (оС)
-40..+70
Assembly
Pin soldering temperature (оС)
200
Pin soldering time (sec)
3.0
Optical and electrical characteristics (Т=25оС):
Characteristics
Symbol
Test condition
Min
Typ
Max
Units
Laser diode
Output power
POP
IOP
2.0
mW
Wavelength
λOP
POP
1520
1550
1580
nm
Spectral width FWHM
Δλ
POP
1.5
3.0
nm
Threshold current
ITH
CW
5.0
10
20
mA
Forward current
IF
POP
20
30
45
mA
Forward voltage
UOP
POP
1.1
1.5
V
Rise time/fall time
τRF
POP
0.3
0.7
ns
Monitor photodiode
Monitor current
IPD
UREV=5.0 V, POP
100
500
µA
Dark current
ID
UREV=5.0 V
0.01
0.1
µA
Capacitance
CPD
UREV=5.0 V, f=1 MHz
10
20
pF
Optical fiber
Fiber core/cladding diameter
DC/DCL
9/125
µm
Fiber length
L
400..1500
mm
Optical connector type
«FC»


Número de pieza similar - LFO-18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
LFO-18-D ROITHNER-LFO-18-D Datasheet
77Kb / 2P
   Fiber Coupled Laser Diode
logo
List of Unclassifed Man...
LFO-18-I ETC1-LFO-18-I Datasheet
162Kb / 2P
   CW output power > 0.8 mW
logo
Roithner LaserTechnik G...
LFO-18-IP ROITHNER-LFO-18-IP Datasheet
117Kb / 2P
   Hermetically sealed modules are performed
More results

Descripción similar - LFO-18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
LFO-14-IP ROITHNER-LFO-14-IP Datasheet
126Kb / 1P
   best source
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
National Semiconductor ...
MM5837 NSC-MM5837 Datasheet
53Kb / 2P
   Digital Noise Source
MM5437 NSC-MM5437 Datasheet
406Kb / 3P
   DIGITAL NOISE SOURCE
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
   Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com