Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6292BMX Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza FAN6292BMX
Descripción Electrónicos  Compact Secondary-Side Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6292BMX Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAN6292BMX Datasheet HTML 5Page - ON Semiconductor FAN6292BMX Datasheet HTML 6Page - ON Semiconductor FAN6292BMX Datasheet HTML 7Page - ON Semiconductor FAN6292BMX Datasheet HTML 8Page - ON Semiconductor FAN6292BMX Datasheet HTML 9Page - ON Semiconductor FAN6292BMX Datasheet HTML 10Page - ON Semiconductor FAN6292BMX Datasheet HTML 11Page - ON Semiconductor FAN6292BMX Datasheet HTML 12Page - ON Semiconductor FAN6292BMX Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FAN6292BMX/FAN6292MX
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS
VIN=5 V, LPC=1.5 V, LPC width=2 µs at TJ= -40~125 C, FLPC=100 kHz, unless otherwise specified.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Internal RES section
Internal RES ratio
VIN=5 V, Turn-ratio=15~17
KRES
0.196
0.200
0.204
V/V
VIN Dropping Protection Ratio with Two
Cycle
LPC width=5 µs
VIN=5 V to 3.5 V
KVIN-DROP
70
90
%
Debounce time for disable SR when VIN
dropping protection
tSR_OFF
3.5
5.5
7.5
ms
Debounce time for noise immunity on
VIN(7)
tVIN-Debounce
1
2
3
µs
LPC Section
Linear Operation Range of LPC Pin
Voltage(7)
VIN -OFF < VIN
≤ 5V
VLPC
0.4
VIN -1
V
LPC Sink Current
VLPC=1V
ILPC-SINK
100
nA
SR Enabled Threshold Voltage @High
Line
VLPC-HIGH-H
1.418
1.500
1.583
V
Threshold Voltage on LPC Rising Edge
@High Line(7)
VLPC-HIGH-H *0.875 = VLPC-TH-H
VLPC-TH-H
1.205
1.313
1.424
V
SR Enabled Threshold Voltage @ Low
Line
VLPC-HIGH-L-5V = VLPC-TH-L-5V / 0.875
VLPC-HIGH-L-5V
0.703
0.743
0.783
V
Threshold Voltage on LPC Rising Edge
@ Low Line(7)
Spec.=0.4+0.05*VIN
VIN = 5V
VLPC-TH-L-5V
0.63
0.650
0.67
V
Falling Edge Threshold Voltage to trigger
SR (7)
VLPC-TH-TRIG
70
mV
Low to High Line Threshold Voltage on
LPC pin
VIN = 5V, Spec.=(0.8+0.03*VIN)*2
VLINE-H-5V
1.81
1.90
1.99
V
High to Low Line Threshold Voltage on
LPC pin
VIN = 5V,
Spec.=(0.75+0.03*VIN)*2
VLINE-L-5V
1.72
1.80
1.88
V
Line Change Threshold Hysteresis
VLINE-HYS-5V = VLINE-H-5V - VLINE-L-5V
VLINE-HYS-5V
0.1
V
Higher Clamp Voltage
VLPC-CLAMP-H
5.4
6.2
7.0
V
LPC Threshold Voltage to Disable SR
Gate Switching
VIN = 5V
LPC=3V↑
VLPC-DIS
VIN - 0.6
V
Enable VLPC-DIS
Increasing VIN
VEN-LPC-DIS
4.25
4.4
4.45
V
Disable VLPC-DIS
Decreasing VIN
VDIS-LPC-DIS
4.1
4.2
4.3
V
Line Change Debounce from Low Line to
High Line(7)
Counts for
LPC falling < VLPC-TH-L-5V
tLPC-LH-debounce
7
cycles
Line Change Debounce from High Line
to Low Line(7)
tLPC-HL-debounce
15
µs


Número de pieza similar - FAN6292BMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results

Descripción similar - FAN6292BMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com