Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB16RKG01-5DJB Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

No. de pieza LB16RKG01-5DJB
Descripción Electrónicos  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Página de inicio  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16RKG01-5DJB Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB16RKG01-5DJB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. LB16RKG01-5DJB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D54
D
www.nkkswitches.com
CAP TYPES & COLOR COMBINATIONS
BJ
Solid Cap for Incandescent Lamp & Nonilluminated
Lens/Filter
Colors Available:
CJ
EJ
AT476
Square
JF and JG not suitable
with neon lamp.
FJ
GJ
Color Codes:
B White
C Red
D Amber
E Yellow
F Green
G Blue
J Clear
Material: Polycarbonate
Finish: Glossy
AT4012
Round
AT4026
Rectangular
Material: Polycarbonate
Finish: Glossy
AT477
Square
AT4013
Round
AT4027
Rectangular
Insert Cap for Incandescent or Neon Lamp & Nonilluminated
JB
JC
JE
JF
JG
Lens/Filter
Colors Available:
Translucent Colored Lens
Transparent Clear Filter
Lamp AT607
Transparent Clear Lens
Translucent Colored Filter
Lamp AT607 or 607N
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
Material: Polycarbonate
Finish: Glossy
AT4176
Square
AT4178
Round
AT4177
Rectangular
Cap for Bright LED without Resistor
Lens/Diffuser
Colors Available:
Transparent Clear Lens
Translucent Colored Diffuser
Bright LED
AT635
Material: Polycarbonate
Finish: Glossy
AT4162
Square
AT4164
Round
AT4163
Rectangular
Cap for Bright LED with Resistor
JB
JC
JD
JF
Lens/Diffuser
Colors Available:
Transparent Clear Lens
Translucent Colored Diffuser
JB
JC
JD
JF
(4.5)
.177
(5.5)
.217
(19.0) Dia
.748
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
Bright LED
AT627
(6.5)
.256
(3.5)
.138
(13.2) Sq
.520
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236


Número de pieza similar - LB16RKG01-5DJB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Kaiheiki Industry...
LB16RKG01-05-BJ NKK-LB16RKG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16RKG01-12-BJ NKK-LB16RKG01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16RKG01-A NKK-LB16RKG01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16RKG01-B NKK-LB16RKG01-B Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16RKG01-C NKK-LB16RKG01-C Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

Descripción similar - LB16RKG01-5DJB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com