Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KBL06 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza KBL06
Descripción Electrónicos  Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBL06 Datasheet(HTML) 2 Page - Vishay Siliconix

  KBL06 Datasheet HTML 1Page - Vishay Siliconix KBL06 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBL005 thru KBL10
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88655
2
07-Oct-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Temperature (
°C)
Fig. 1 – Derating Curve
Output Rectified Current
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 – Typical Reverse Leakage
Characteristics Per Leg
Number of Cycles at 60 HZ
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Reverse Voltage (V)
Fig. 5 – Typical Junction
Capacitance Per Leg
0
50
100
150
0
1.0
2.0
3.0
4.0
1
10
100
25
50
75
100
125
150
175
200
0.6
0.7
100
1.0
1
0.1
0.8
0.9
1.0
1.1
1.2
1.3
0
20
40
60
80
100
0.01
0.1
1
10
0.1
1
10
100
0
50
100
150
200
250
TJ = 100
°C
TJ = 25
°C
P.C.B. Mounting
0.375" (9.5mm) Lead Length
60 HZ Resistive or Inductive Load
Heatsink Mounted
3.0" sq. x 0.06" Thk
(7.5 x 0.15cm) Copper Plate
1.0 Cycle
TJ = 150°C
Single Sine-Wave
(JEDEC Method)
TJ = 25°C
Pulse Width = 300
µs
1% Duty Cycle
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p


Número de pieza similar - KBL06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
KBL06 NJSEMI-KBL06 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBL06 SEMTECH-KBL06 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
MIC GROUP RECTIFIERS
KBL06 MIC-KBL06 Datasheet
107Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Digitron Semiconductors
KBL06 DIGITRON-KBL06 Datasheet
164Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBL06 HY-KBL06 Datasheet
391Kb / 3P
   Silicon Bridge Rectifiers
More results

Descripción similar - KBL06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com