Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD453R20S30MC Datasheet(PDF) 8 Page - International Rectifier |
|
SD453R20S30MC Datasheet(HTML) 8 Page - International Rectifier |
8 / 10 page SD453N/R Series 8 Bulletin I2076 rev. A 09/94 www.irf.com 1E2 1E3 1E4 1E1 1E2 1E3 1E4 Pulse Basewidth (µs) 50 Hz 200 10000 100 4000 dv/dt = 1000V/us 400 1000 2000 6000 Sinusoidal Pulse 1500 3000 T = 70°C, V = 800V C RRM SD453N/R..S20 Series tp 600 Fig. 25 - Frequency Characteristics Fig. 24 - Maximum Total Energy Loss Per Pulse Characteristics 1E2 1E3 1E4 1E1 1E2 1E3 1E4 1 2 Pulse Basewidth (µs) 10 joules per pulse 6 4 dv/dt = 1000V/µs Sinusoidal Pulse 0.6 0.4 0.2 0.1 SD453N/R..S20 Series T = 150°C, V = 800V J RRM tp Fig. 23 - Recovery Current Characteristics Fig. 22 - Recovery Charge Characteristics Fig. 21 - Recovery Time Characteristics 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 10 100 1000 Rate Of Fall Of Forward Current - di/dt (A/µs) 500 A 150 A I = 1000 A Sine Pulse FM SD453N/R..S30 Series T = 150 °C, V > 100V J r 0 200 400 600 800 1000 1200 0 50 100 150 200 250 300 Rate Of Fall Of Forward Current - di/dt (A/µs) 500 A 150 A I = 1000 A Sine Pulse FM SD453N/R..S30 Series T = 150 °C; V > 100V r J 0 50 100 150 200 250 300 350 400 450 500 550 0 50 100 150 200 250 300 500 A Rate Of Fall Of F orward Current - di/dt (A/µs) 150 A I = 1000 A Sine Pulse FM SD453N/R..S30 Series T = 150 °C; V > 100V J r 0 50 100 150 200 250 300 350 400 450 0 50 100 150 200 250 300 500 A Rate Of Fall Of Forward Current - di/dt (A/µs) 150 A I = 1000 A Sine Pulse FM SD453N/R..S20 Series T = 150 °C; V > 100V J r 0 100 200 300 400 500 600 700 800 0 50 100 150 200 250 300 Rate Of Fall Of Forward Current - di/dt (A/µs) 500 A 150 A I = 1000 A Sine Pulse FM SD453N/R..S20 Series T = 150 °C; V > 100V J r 2 2. 5 3 3. 5 4 4. 5 5 5. 5 6 10 100 1000 Rate Of Fall Of Forward Current - di/dt (A/µs) 500 A 150 A I = 1000 A Sine Pulse FM SD453N/R..S20 Series T = 150 °C; V > 100V J r Fig. 18 - Recovery Time Characteristics Fig. 19 - Recovery Charge Characteristics Fig. 20 - Recovery Current Characteristics |
Número de pieza similar - SD453R20S30MC |
|
Descripción similar - SD453R20S30MC |