Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SKW20N60 Datasheet(PDF) 10 Page - Infineon Technologies AG

No. de pieza SKW20N60
Descripción Electrónicos  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW20N60 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SKW20N60 Datasheet HTML 5Page - Infineon Technologies AG SKW20N60 Datasheet HTML 6Page - Infineon Technologies AG SKW20N60 Datasheet HTML 7Page - Infineon Technologies AG SKW20N60 Datasheet HTML 8Page - Infineon Technologies AG SKW20N60 Datasheet HTML 9Page - Infineon Technologies AG SKW20N60 Datasheet HTML 10Page - Infineon Technologies AG SKW20N60 Datasheet HTML 11Page - Infineon Technologies AG SKW20N60 Datasheet HTML 12Page - Infineon Technologies AG SKW20N60 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SKW20N60
10
Mar-00
0.0V
0.5V
1.0V
1.5V
2.0V
0A
5A
10A
15A
20A
25A
30A
35A
40A
150°C
-55°C
25°C
100°C
-40°C
0°C
40°C
80°C
120°C
1.0V
1.5V
2.0V
VF, FORWARD VOLTAGE
Tj, JUNCTION TEMPERATURE
Figure 25. Typical diode forward current as
a function of forward voltage
Figure 26. Typical diode forward voltage as
a function of junction temperature
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-3
K/W
10
-2
K/W
10
-1
K/W
10
0
K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
tp, PULSE WIDTH
Figure 27. Diode transient thermal
impedance as a function of pulse width
(D = tp / T)
I F = 20A
I F = 40A
C 1 =
τ
1 / R 1
R 1
R 2
C 2 =
τ
2 / R 2
R
,(1 / W )
τ , (s ) =
0.358
9.02*10
-2
0.367
9.42*10
-3
0.329
9.93*10
-4
0.216
1.19*10
-4
0.024
1.92*10
-5


Número de pieza similar - SKW20N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SKW20N60 INFINEON-SKW20N60 Datasheet
321Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKW20N60HS INFINEON-SKW20N60HS_08 Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKW20N60 INFINEON-SKW20N60_08 Datasheet
321Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
More results

Descripción similar - SKW20N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com