Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD45375 Datasheet(PDF) 2 Page - Rohm

No. de pieza BD45375
Descripción Electrónicos  VOLTAGE DETECTOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD45375 Datasheet(HTML) 2 Page - Rohm

  BD45375 Datasheet HTML 1Page - Rohm BD45375 Datasheet HTML 2Page - Rohm BD45375 Datasheet HTML 3Page - Rohm BD45375 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Voltage detectors
BD45XXXG
BD46XXXG
Absolute Maximum Ratings (Ta=25˚C)
Power dissipation:SSOP5
Operating temperature range
ER pin input voltage
Parameter
Symbol
Unit
Pd
Topr
V
V
mW
Storage temperature range
Tstg
Limits
– 40 ~ + 105
– 55 ~ + 125
540
VCT
GND – 0.3 ~ + 10
VOUT
GND – 0.3 ~ VDD + 0.3
GND – 0.3 ~ VDD + 0.3
˚C
˚C
VDD – GND
– 0.3 ~ + 10
V
1
Electrical characteristics (Unless otherwise noted; Ta=-25˚C ~ +105˚C)
VDETX0.03
VDETX0.05
0.80
0.80
0.85
VDETX0.08
2.40
0.70
2.10
VDET=2.3~3.1V
0.75
2.25
VDET=3.2~4.2V
VDET=4.3~4.8V
VDET=3.2~4.2V
VDET=4.3~4.8V
0.75
VDET=2.3~3.1V
2.25
2.40
2.55
0.1
µ
A
µ
A
µ
A
Icc1
Icc2
Ilaek
%
VDET
RL=470KΩ, VDD=L→H→L
Ta=-40˚C ~ +105˚C
1
1
1
1
1
1
1
VDET/∆T
±
100
±
360
ppm/˚C
VDD=VDET–0.2V
RL=100kΩ
CL=100pF
VDD=VDET+2V
0.95
V
VOPL
RL=470kΩ, VOL0.4V
VDD=VDS=10V
1.0
2.2
1.2
2.7
mA
IOH
VDS=0.5V, VDD=4.8V VDET=2.3~4.2V
VDS=0.5V, VDD=6.0V VDET=4.3~4.8V
2.0
5
mA
IOL
0.4
1.2
VDS=0.5V, VDD=1.2V
VDS=0.5V, VDD=2.4V (VDET2.7V)
0.8
VEL
1
2.0
VEH
180
200
220
90
100
110
V
V
V
1
10
IER
VER=2.0V
µ
A
tPLH
45
50
55
BD45XX2G, BD46XX2G
BD45XX1G, BD46XX1G
BD45XX5G, BD46XX5G
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
Output
voltage
Power supply voltage
1
Derating: 5.4mW/˚C for operation above Ta=25˚C.(Mounted on a 70.0mmX70.0mmX16mm glass epoxy PCB.)
Circuit current when ON
Circuit current when OFF
Output leak current
ER pin "H" voltage
ER pin "L" voltage
ER pin input current
"H" transmission
delay time
Hysteresis voltage
Detection voltage
temperature coefficient
Min. operating voltage
"H" output current
"L" output current
1 This value is guranteed at Ta=25˚C.
Note) RL is not necessary for CMOS output type.
Note) Please refer to the detection voltage of Line-up table.
Characteristic diagram and Measurement circuit
5V
VDET±0.5V
RL=100kΩ
100pF
VDD
VOUT
ER
GND
100pF
5V
VDET±0.5V
RL=100kΩ
VDD
VOUT
GND
ER
Ta (°C)
250
200
150
100
50
0
-60 -40 -20
20
40
60
80
100
120
0
(BD4x28xG tPLH)
BD45282G
BD45281G
BD45285G
Ta (°C)
50
40
30
20
10
0
-60 -40 -20
20
40
60
80
100
120
0
(BD4x28x tPLH)
Output delay time "L H"
Output delay time "H L"
Nch open drain output
CMOS output


Número de pieza similar - BD45375

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD45375 ROHM-BD45375 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45375 ROHM-BD45375 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD45375 ROHM-BD45375 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45375 ROHM-BD45375 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45375 ROHM-BD45375 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Descripción similar - BD45375

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com