Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3274S Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SK3274S
Descripción Electrónicos  Slilicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3274S Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3274S Datasheet HTML 1Page - Renesas Technology Corp 2SK3274S Datasheet HTML 2Page - Renesas Technology Corp 2SK3274S Datasheet HTML 3Page - Renesas Technology Corp 2SK3274S Datasheet HTML 4Page - Renesas Technology Corp 2SK3274S Datasheet HTML 5Page - Renesas Technology Corp 2SK3274S Datasheet HTML 6Page - Renesas Technology Corp 2SK3274S Datasheet HTML 7Page - Renesas Technology Corp 2SK3274S Datasheet HTML 8Page - Renesas Technology Corp 2SK3274S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SK3274 (L), 2SK3274 (S)
Rev.3.00 May 15, 2006 page 3 of 8
Main Characteristics
40
0
0
10
20
30
50
100
150
200
100
50
20
10
5
2
12
5
10
20
50
100
50
0
0
10
20
30
40
24
6
8
10
50
0
0
10
20
30
40
24
68
10
0.5
1
0.2
200
Ta = 25°C
10 V
VGS = 3.5 V
Tc = 75°C
25°C
–25°C
4 V
4.5 V
6 V
5 V
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Operation in
this area is
limited by RDS(on)
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
0
0
0.2
0.4
0.6
0.8
4
8
12
16
20
0.1
0.5
2
50
0.2
1
10 20
5
0.05
0.02
0.01
0.005
0.002
0.001
1.0
ID = 20 A
10 A
5 A
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
Static Drain to Source on State Resistance
vs. Drain Current
Drain Current
ID (A)
10
µs
100
µs
1 ms
PW
= 10
ms
(1shot)
DC
Operation
(Tc
=
25°C)
10 V
VGS = 4.5 V
Pulse Test


Número de pieza similar - 2SK3274S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK3274S KEXIN-2SK3274S Datasheet
45Kb / 1P
   Slilicon N Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK3274S DOINGTER-2SK3274S Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Descripción similar - 2SK3274S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com