Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP6722 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

No. de pieza SP6722
Descripción Electrónicos  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP6722 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SP6722 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.samhop.com.tw
3
Tj(°
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(°C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(°C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(°C )
Figure 6. Breakdown Voltage Variation
with Temperature
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
14.0
11.2
8.4
5.6
2.8
0
0
0.8
4.8
4.0
3.2
2.4
1.6
25 C
Tj=125 C
-55 C
48
40
32
24
16
8
0
1
10
20
30
50
60
VGS=10V
VGS=4.5V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
75
25
50
125
150
VDS=VGS
ID=250uA
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
0
25
50
75
100 125 150
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
-50
-25
0
25
50
75
100 125 150
SP6722
2.2
VGS=10V
ID=8.0A
VGS=4.5V
ID=6.7A
Feb,14,2017
VGS=4.5V
VGS=4V
VGS=3.5V
50
VGS=10V
Ver 2.0
60
VGS=3V
40


Número de pieza similar - SP6722

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SP6719 SAMHOP-SP6719 Datasheet
97Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP674A SIPEX-SP674A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP674AA SIPEX-SP674AA Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP674AB SIPEX-SP674AB Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP674AC SIPEX-SP674AC Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
More results

Descripción similar - SP6722

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com