Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB520N Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

No. de pieza STB520N
Descripción Electrónicos  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB520N Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STB520N Datasheet HTML 1Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 2Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 3Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 4Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 5Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 6Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 7Page - SamHop Microelectronics Corp. STB520N Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0.01
0.1
1
2
0.00001
0.0001
0.001
0.01
0.1
1
P DM
t1
t2
1. R JC (t)=r (t) *
2.
=S ee Datas heet
3. T JM-T C =P *
(t )
4. Duty C ycle, D=t1/t2
R JC
R JC
R JC
10
S ingle P uls e
0.02
0.05
0.1
0.2
D=0.5
0.01
www.samhop.com.tw
5
Square Wave Pulse Duration (msec)
Figure 14. Normalized Thermal Transient Impedance Curve
Jul,07,2016
STB520N
Ver 1.0
tp
V(BR )D SS
IAS
Figure 13b.
Unclamped Inductive Waveforms
Figure 13a.
Unclamped Inductive Test Circuit
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
DD
20V
V


Número de pieza similar - STB520N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sangdest Microelectroni...
STB5200 SMC-STB5200 Datasheet
183Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB5200 SMCDIODE-STB5200 Datasheet
439Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
More results

Descripción similar - STB520N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com