Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT9P401 Datasheet(PDF) 29 Page - ON Semiconductor

No. de pieza MT9P401
Descripción Electrónicos  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P401 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button MT9P401_17 Datasheet HTML 25Page - ON Semiconductor MT9P401_17 Datasheet HTML 26Page - ON Semiconductor MT9P401_17 Datasheet HTML 27Page - ON Semiconductor MT9P401_17 Datasheet HTML 28Page - ON Semiconductor MT9P401_17 Datasheet HTML 29Page - ON Semiconductor MT9P401_17 Datasheet HTML 30Page - ON Semiconductor MT9P401_17 Datasheet HTML 31Page - ON Semiconductor MT9P401_17 Datasheet HTML 32Page - ON Semiconductor MT9P401_17 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
MT9P401
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
29
This is achieved by the averaging of 2 or 3 adjacent rows and
columns (adjacent same−color pixels). Both 2X and 4X
binning modes are supported. Rows and columns can be
binned independently.
Skipping
Skipping reduces resolution by using only selected pixels
from the FOV in the output image. In skip mode, entire rows
and columns of pixels are not sampled, resulting in a lower
resolution output image. A skip 2X mode skips one Bayer
pair of pixels for every pair output. Skip 3X skips two pairs
for each one pair output. Rows and columns are always read
out in pairs. If skip 2X mode is enabled with otherwise
default sensor settings, the columns in the output image
correspond to the pixel array columns 16, 17, 20, 21, 24,
25... .
Figure 14. Eight Pixels in Normal and Column Skip 2X Readout Modes
G0
R0
[11:0]
[11:0]
G1
R1
[11:0]
G2
[11:0]
R2
[11:0]
[11:0]
G3
R3
[11:0]
G0
[11:0]
R0
[11:0]
G2
[11:0]
R2
[11:0]
[11:0]
LV
Normal readout
DOUT[11:0]
LV
Column skip 2X readout
DOUT[11:0]
Skipping can be enabled separately for rows and columns.
To enable skip mode, set either or both of Row_Skip and
Column_Skip to the number of pixel pairs that should be
skipped for each pair used in the output image. For example,
to set column skip 2X mode, set Column_Skip to “1.”
The size of the output image is reduced by the skip mode
as shown in the following two equations:
(eq. 1)
W + 2
ceil((Column_Size ) 1)) (2
(Column_Skip ) 1)))
H + 2
ceil((Row_Size ) 1)) (2
(Row_Skip ) 1)))
(eq. 2)
Figure 15. Pixel Readout (no skipping)
X incrementing
Figure 16. Pixel Readout (Column Skip 2X)
X incrementing


Número de pieza similar - MT9P401_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MT9P401I12STC-DP ONSEMI-MT9P401I12STC-DP Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9P401I12STC-DR ONSEMI-MT9P401I12STC-DR Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
More results

Descripción similar - MT9P401_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com