Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7617UB Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DAC7617UB
Descripción Electrónicos  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7617UB Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC7617UB Datasheet HTML 3Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 4Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 5Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 6Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 7Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 8Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 9Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 10Page - Burr-Brown (TI) DAC7617UB Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
DAC7617
SBAS185
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VDD = +3V, VREFH = +1.25V, and VREFL = 0V, representative unit, unless otherwise specified.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC D
DAC C
DAC B
Code (0040
H)
Code (000
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC D
DAC C
DAC B
Code (0040
H)
Code (FFF
H)
0.000
0.050
–0.100
–0.150
–0.200
Digital Input Code
000
H
400
H
200
H
600
H
A00
H
800
H
E00
H
FFF
H
C00
H
V
REFL CURRENT vs CODE
0.200
0.150
0.100
0.050
0.000
Digital Input Code
000
H
400
H
200
H
600
H
A00
H
800
H
E00
H
FFF
H
C00
H
V
REFH CURRENT vs CODE
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Digital Input Code
000
H
400
H
200
H
600
H
800
H
C00
H
A00
H
E00
H
FFF
H
SUPPLY CURRENT vs DIGITAL INPUT CODE
No Load
10
8
6
4
2
0
–2
–4
Input Code
000
H
400
H
200
H
600
H
800
H
C00
H
A00
H
E00
H
FFF
H
SUPPLY CURRENT LIMIT vs INPUT CODE
Short to V
DD
Short to Ground


Número de pieza similar - DAC7617UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7617UB TI1-DAC7617UB Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617UB/1K TI1-DAC7617UB/1K Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7617UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com