Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICE2AS01 Datasheet(PDF) 19 Page - Infineon Technologies AG

No. de pieza ICE2AS01
Descripción Electrónicos  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 21Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 22Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Version 2.0
19
1 Feb 2002
ICE2AS01/G
ICE2BS01/G
Typical Performance Characteristics
5
Typical Performance Characteristics
Figure 23
Start Up Current I
VCC1 vs. Tj
Figure 24
Supply Current I
VCC2 vs. Tj
Figure 25
Supply Current I
VCC3 vs. Tj
Figure 26
VCC Turn-On Threshold V
VCCon vs. Tj
Figure 27
VCC Turn-Off Threshold V
VCCoff vs. Tj
Figure 28
VCC Turn-On/Off HysteresisV
VCCHY vs. Tj
Junction Temperature [°C]
22
24
26
28
30
32
34
36
38
40
-25
-15
-5
5
152535455565758595
105 115 125
Junction Temperature [°C]
4,5
4,8
5,1
5,4
5,7
6,0
-25
-15
-5
5
15253545
556575
8595
105 115 125
Junction Temperature [°C]
5,0
5,2
5,4
5,6
5,8
6,0
6,2
6,4
6,6
6,8
7,0
-25 -15 -5
5
1525
35455565758595 105 115 125
ICE2ASO1
ICE2ASO1G
ICE2BSO1
ICE2BSO1G
Junction Temperature [°C]
13,42
13,44
13,46
13,48
13,50
13,52
13,54
13,56
13,58
-25 -15
-5
5
152535455565758595 105 115 125
Junction Temperature [°C]
8,40
8,43
8,46
8,49
8,52
8,55
8,58
8,61
8,64
8,67
-25 -15
-5
5
15
25
35
45
55
65
75
85
95
105 115 125
Junction Temperature [°C]
4,83
4,86
4,89
4,92
4,95
4,98
5,01
5,04
5,07
5,10
-25 -15
-5
5
15
25
35
45
55
65
75
85
95
105 115 125


Número de pieza similar - ICE2AS01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE2AS01G INFINEON-ICE2AS01G Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results

Descripción similar - ICE2AS01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com