Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7328 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7328
Descripción Electrónicos  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7328 Datasheet(HTML) 1 Page - International Rectifier

  IRF7328 Datasheet HTML 1Page - International Rectifier IRF7328 Datasheet HTML 2Page - International Rectifier IRF7328 Datasheet HTML 3Page - International Rectifier IRF7328 Datasheet HTML 4Page - International Rectifier IRF7328 Datasheet HTML 5Page - International Rectifier IRF7328 Datasheet HTML 6Page - International Rectifier IRF7328 Datasheet HTML 7Page - International Rectifier IRF7328 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
10/04/00
IRF7328
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Parameter
Max.
Units
VDS
Drain-Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-8.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-6.4
A
IDM
Pulsed Drain Current

-32
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.0
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.3
W
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
New trench HEXFET® Power MOSFETs
from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the
ruggedized
device
design that HEXFET power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in battery and load management applications.
q
Trench Technology
q
Ultra Low On-Resistance
q
Dual P-Channel MOSFET
q
Available in Tape & Reel
Description
PD -94000
D1
D1
D2
D2
G1
S2
G2
S1
To p V ie w
8
1
2
3
4
5
6
7
SO-8
VDSS
RDS(on) max
ID
-30V
21m
Ω@VGS = -10V
-8.0A
32m
Ω@VGS = -4.5V
-6.8A


Número de pieza similar - IRF7328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Youtai Semico...
IRF7328 UMW-IRF7328 Datasheet
402Kb / 8P
   Dual P-Channel 30 V (D-S) MOSFET
logo
International Rectifier
IRF7328PBF IRF-IRF7328PBF Datasheet
167Kb / 8P
   HEXFET짰 Power MOSFET
IRF7328PBF IRF-IRF7328PBF Datasheet
175Kb / 8P
   Trench Technology
IRF7328PBF IRF-IRF7328PBF Datasheet
175Kb / 8P
   Ultra Low On-Resistance
IRF7328PBF IRF-IRF7328PBF_10 Datasheet
175Kb / 8P
   Trench Technology Ultra Low On-Resistance
More results

Descripción similar - IRF7328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com