Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M74HCT138 Datasheet(PDF) 3 Page - STMicroelectronics |
|
M74HCT138 Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 9 page M74HCT138 3/9 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 °C; derate to 300mW by 10mW/°C from 65°C to 85°C RECOMMENDED OPERATING CONDITIONS DC SPECIFICATIONS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500(*) mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C tr, tf Input Rise and Fall Time (VCC = 4.5 to 5.5V) 0 to 500 ns Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 4.5 to 5.5 2.0 2.0 2.0 V VIL Low Level Input Voltage 4.5 to 5.5 0.8 0.8 0.8 V VOH High Level Output Voltage 4.5 IO=-20 µA 4.4 4.5 4.4 4.4 V IO=-4.0 mA 4.18 4.31 4.13 4.10 VOL Low Level Output Voltage 4.5 IO=20 µA 0.0 0.1 0.1 0.1 V IO=4.0 mA 0.17 0.26 0.33 0.40 II Input Leakage Current 5.5 VI = VCC or GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 5.5 VI = VCC or GND 440 80 µA ∆ I CC Additional Worst Case Supply Current 5.5 Per Input pin VI = 0.5V or VI = 2.4V Other Inputs at VCC or GND IO = 0 2.0 2.9 3.0 mA |
Número de pieza similar - M74HCT138 |
|
Descripción similar - M74HCT138 |