Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


NTGS3441T1 Datasheet(Hoja de datos) 4 Page - ON Semiconductor

No. de Pieza. NTGS3441T1
Descripción  Power MOSFET 1 Amp, 20 Volts
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 4 page
background image
NTGS3441T1
http://onsemi.com
4
88
12
4
016
1200
900
600
4
300
0
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE
VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
04
8
26
6
4
2
0
8
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
−50
50
0.8
0
100
1.2
1
0.6
150
Figure 9. Gate Threshold Voltage Variation
with Temperature
TJ, JUNCTION TEMPERATURE (°C)
0.5
0.9
10
1
0.8
0.7
1.1
8
6
4
2
0.6
0
1.2
1.3
1.4
Figure 10. Diode Forward Voltage vs. Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
TJ = 25°C
VDS = 0 V
VGS = 0 V
Ciss
Crss
Coss
Ciss
Crss
VDD = −20 V
ID = −3.3 A
TJ = 25°C
ID = −250 mA
0.9
1.3
1.1
0.7
25
−25
75
125
VGS = 0 V
TJ = 25°C
QT
Qgd
Qgs
−VGS
−VDS
TYPICAL ELECTRICAL CHARACTERISTICS




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTMS5P02R2Power MOSFET -5.4 Amps -20 Volts 1 2 3 4 5 MoreON Semiconductor
NTGS3446Power MOSFET 5.1 Amps 20 Volts N−Channel TSOP−6 1 2 3 4 ON Semiconductor
LBSS84LT1Power MOSFET 130m Amps 50 Volts P-Channel SOT -23 1 2 3 4 Leshan Radio Company
MMFT107T1Power MOSFET 250 mA 200 Volts 1 2 3 4 5 MoreON Semiconductor
NTD15N06Power MOSFET 15 Amps 60 Volts 1 2 3 4 5 MoreON Semiconductor
MMDFS3P303Power MOSFET 3 Amps 30 Volts 1 2 3 4 5 MoreON Semiconductor
MMDF3N04HDDUAL TMOS POWER MOSFET 3.4 AMPERES 40 VOLTS 1 2 3 4 5 MoreMotorola, Inc
MMSF3P02HDSINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS 1 2 3 4 5 MoreMotorola, Inc
NTQD6866R2Power MOSFET 6.9 Amps 20 Volts 1 2 3 4 5 MoreON Semiconductor
NTP45N06Power MOSFET 45 Amps 60 Volts 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl