Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4854DY Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI4854DY
Descripción Electrónicos  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4854DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4854DY Datasheet HTML 1Page - Vishay Siliconix SI4854DY Datasheet HTML 2Page - Vishay Siliconix SI4854DY Datasheet HTML 3Page - Vishay Siliconix SI4854DY Datasheet HTML 4Page - Vishay Siliconix SI4854DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si4854DY
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71444
S-03476—Rev. A, 16-Apr-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 6.9 A
40
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
30
50
10
20
Single Pulse Power
Time (sec)
40
10–3
10–2
1
10
600
10–1
10–4
100
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ – Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 93_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
100
600
10
10–1
10–2
10–3


Número de pieza similar - SI4854DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4850BDY VISHAY-SI4850BDY Datasheet
295Kb / 8P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4850BDY-T1-GE3 VISHAY-SI4850BDY-T1-GE3 Datasheet
295Kb / 8P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4850DY-T1-E3 VBSEMI-SI4850DY-T1-E3 Datasheet
994Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI4850EY VISHAY-SI4850EY Datasheet
248Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. F, 13-Jul-09
More results

Descripción similar - SI4854DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com