Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHC574DBLE Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74AHC574DBLE Datasheet(HTML) 1 Page - Texas Instruments |
1 / 2 page SN54AHC574, SN74AHC574 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCLS244I – OCTOBER 1995 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Range 2-V to 5.5-V VCC D 3-State Outputs Drive Bus Lines Directly D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) SN54AHC574 ...J OR W PACKAGE SN74AHC574 . . . DB, DGV, DW, N, NS, OR PW PACKAGE (TOP VIEW) SN54AHC574 . . . FK PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE 1D 2D 3D 4D 5D 6D 7D 8D GND VCC 1Q 2Q 3Q 4Q 5Q 6Q 7Q 8Q CLK 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 2Q 3Q 4Q 5Q 6Q 3D 4D 5D 6D 7D description/ordering information The ’AHC574 devices are octal edge-triggered D-type flip-flops that feature 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. These devices are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. On the positive transition of the clock (CLK) input, the Q outputs are set to the logic levels of the data (D) inputs. A buffered output-enable (OE) input places the eight outputs in either a normal logic state (high or low) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and the increased drive provide the capability to drive bus lines without interface or pullup components. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube SN74AHC574N SN74AHC574N SOIC – DW Tube SN74AHC574DW AHC574 SOIC – DW Tape and reel SN74AHC574DWR AHC574 –40 °Cto85°C SOP – NS Tape and reel SN74AHC574NSR AHC574 –40 °C to 85°C SSOP – DB Tape and reel SN74AHC574DBR HA574 TSSOP PW Tube SN74AHC574PW HA574 TSSOP – PW Tape and reel SN74AHC574PWR HA574 TVSOP – DGV Tape and reel SN74AHC574DGVR HA574 CDIP – J Tube SNJ54AHC574J SNJ54AHC574J –55 °C to 125°C CFP – W Tube SNJ54AHC574W SNJ54AHC574W LCCC – FK Tube SNJ54AHC574FK SNJ54AHC574FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74AHC574DBLE |
|
Descripción similar - SN74AHC574DBLE |