Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

M54543L Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de Pieza. M54543L
Descripción  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

M54543L Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54543L
MITSUBISHI ICs (AV COMMON)
RECOMMENDED OPERATING CONDITIONS (Ta=25
°C, unless otherwise noted)
Symbol
Parameter
Test conditions
Unit
VCC
Supply voltage
412
15
V
IO
Continuous output current
±300
mA
VIH
"H" Input voltage
2VCC
V
VIL
"L" Input voltage
0
0.4
V
tB
Motor braking interval
10
100
ms
Limits
Min.
Typ.
Max.
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C, unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
VCC (1)
Supply voltage (1)
-0.5 to +16
V
VCC (2)
Supply voltage (2)
-0.5 to +20
V
VCC'
Driver supply voltage
-0.5 to +16
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
-0.5 to VCC'+2.5
V
IO (max)
Peak output current
top=10mS : Repetitive cycle 0.2Hz max
±1.2
A
IO (1)
Continuous output current (1)
±330
mA
IO (2)
Continuous output current (2)
±600
mA
Pd
Power dissipation
Ta=75
°C
1.15
W
Topr
Operating temperature
-10 to +75
°C
Tstg
Storage temperature
-55 to +125
°C
ELECTRICAL CHARACTERISTICS (Ta=25
°C, unless otherwise noted)
Symbol
Parameter
IO (leak)
Output leak current
VOH (1)
"H" Output saturation voltage (1)
VCC=VCC'=12V
VOH (2)
"H" Output saturation voltage (2)
VCC=VCC'=12V
VOL (1)
"L" Output saturation voltage (1)
VCC=VCC'=12V
VOL (2)
"L" Output saturation voltage (2)
VCC=VCC'=12V
µA
V
V
V
V
µA
µA
mA
VCC=VCC'=20V
VI1=VI2=0V
VI1=2V
VI2=0V
VI1=0V
VI2=2V
VI1=0V
VI2=2V
VI1=VI2=2V
VI1=2V
VI2=0V
VI1=VI2=2V
VO=20V
VO=0V
VCC=VCC'=12V, VI1=2V, VI2=0V
VCC=VCC'=12V, VI1=0V, VI2=2V
VCC=VCC' =16V
Output open
VI1=2V, VI2=0V
VI1=0V, VI2=2V
VI1=VI2=2V
VI1=VI2=0V
IOH (1)=-300mA
IOH (1)=-500mA
IOH (2)=-300mA
IOH (2)=-500mA
IOL (1)=300mA
IOL (1)=500mA
IOL (2)=300mA
IOL (2)=500mA
100
-100
10.8
11.2
10.7
11.1
10.8
11.2
10.7
11.1
0.18
0.5
0.3
0.65
0.3
0.65
0.18
0.5
0.3
0.65
0.3
0.65
70
200
70
200
40
60
0
Test conditions
Limits
Min.
Typ.
Max.
Unit
With an external heat sink (3000mm
2×1.5mm)
With an external heat sink (3000mm
2×1.5mm)
IIH (1)
"H" Input current (1)
IIH (2)
"H" Input current (2)
ICC
Supply current


Html Pages

1  2  3  4