Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2028F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA2028F
Descripción Electrónicos  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2028F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA2028F Datasheet HTML 1Page - Toshiba Semiconductor TA2028F Datasheet HTML 2Page - Toshiba Semiconductor TA2028F Datasheet HTML 3Page - Toshiba Semiconductor TA2028F Datasheet HTML 4Page - Toshiba Semiconductor TA2028F Datasheet HTML 5Page - Toshiba Semiconductor TA2028F Datasheet HTML 6Page - Toshiba Semiconductor TA2028F Datasheet HTML 7Page - Toshiba Semiconductor TA2028F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TA2028F / P
2002-10-30
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F,TA2028P
Filter IC For Σ−∆ Modulation System DA Converter
TA2028F, TA2028P are an analog filter IC for Σ−∆ modulation
system DA converter.
Using the TA2028F, TA2028P in combination the TC9237BF,
TC9237BN (the Σ−∆ modulation system DA converter with a
built−in digital filter), it is possible to construct a DA conversion
system with less external parts.
Features
· Built−in CR for LPFs and output (differential) amplifiers for
the left and right channel.
· Single power supply operation.
(+9V operation: BS tuner system)
· Noise distortion factor and S / N ratio are as follows
(when operating at +5V single power supply):
Noise distortion factor: −86dB (typ.)
S / N: 100dB (typ.)
Pin Connection (top view)
Weight
SSOP16−P−225−1.00A: 0.14g (typ.)
DIP16−P−300−2.54A: 1.00g (typ.)


Número de pieza similar - TA2028F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
TA202812 POWEREX-TA202812 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202814 POWEREX-TA202814 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2028A TAI-SAW-TA2028A Datasheet
431Kb / 7P
   SAW Filter 1227.6 MHz
More results

Descripción similar - TA2028F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com