Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68040MR25A Datasheet(PDF) 11 Page - ATMEL Corporation

No. de pieza TS68040MR25A
Descripción Electrónicos  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MR25A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TS68040MR25A Datasheet HTML 7Page - ATMEL Corporation TS68040MR25A Datasheet HTML 8Page - ATMEL Corporation TS68040MR25A Datasheet HTML 9Page - ATMEL Corporation TS68040MR25A Datasheet HTML 10Page - ATMEL Corporation TS68040MR25A Datasheet HTML 11Page - ATMEL Corporation TS68040MR25A Datasheet HTML 12Page - ATMEL Corporation TS68040MR25A Datasheet HTML 13Page - ATMEL Corporation TS68040MR25A Datasheet HTML 14Page - ATMEL Corporation TS68040MR25A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11
TS68040
2116A–HIREL–09/02
Output Buffer Mode
The 68040 is capable of resetting to enable for a combination of either large buffers or
small buffers on the outputs of the miscellaneous control signals, data bus, and address
bus/transfer attribute pins. The large buffers offer quicker output times, which allow for
an easier logic design. However, they do so by driving about 11 times as much current
as the small buffers (refer to TS68040 Electrical specifications for current output). The
designer should consider whether the quicker timings present enough advantage to jus-
tify the additional consideration to the individual signal terminations, the die power
consumption, and the required cooling for the device. Since the TS68040 can be pow-
ered-up in one of eight output buffer modes upon reset, the actual maximum power
consumption for TS68040 rated at a particular maximum operating frequency is depen-
dent upon the power up mode. Therefore, the TS68040 is rated at a maximum power
dissipation for either the large buffers or small buffers at a particular frequency (refer to
TS68040 Electrical specifications). This allows the possibility of some of the thermal
management to be controlled upon reset. The following equation provides a rough
method to calculate the maximum power consumption for a chosen output buffer mode:
P
D = PDSB + (PDLB - PDSB) · (PINSLB/PINSCLB)
(1)
where:
P
D
= Max. power dissipation for output buffer mode
selected
P
DSB
= Max. power dissipation for small buffer mode
(all outputs)
P
DLB
= Max. power dissipation for large buffer mode
(all outputs)
PINS
LB
= Number of pins large buffer mode
PINS
CLB
= Number of pins capable of the large buffer
mode
Table 6 shows the simplified relationship on the maximum power dissipation for eight
possible configurations of output buffer modes.
Table 6. Maximum Power Dissipation for Output Buffer Mode Configurations
Output Configuration
Maximum Power Dissipation
Data Bus
Address Bus and
Transfer Attrib.
Misc. Control
Signals
PD
Small Buffer
Small Buffer
Small Buffer
P
DSB
Small Buffer
Small Buffer
Large Buffer
P
DSB + (PDLB - PDSB) · 13%
Small Buffer
Large Buffer
Small Buffer
PDSB + (PDLB - PDSB) · 52%
Small Buffer
Large Buffer
Large Buffer
P
DSB + (PDLB - PDSB) · 65%
Large Buffer
Small Buffer
Small Buffer
P
DSB + (PDLB - PDSB) · 35%
Large Buffer
Small Buffer
Large Buffer
PDSB + (PDLB - PDSB) · 48%
Large Buffer
Large Buffer
Small Buffer
P
DSB + (PDLB - PDSB) · 87%
Large Buffer
Large Buffer
Large Buffer
P
DSB + (PDLB - PDSB) · 100%


Número de pieza similar - TS68040MR25A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Descripción similar - TS68040MR25A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com