Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68040DESC01XAA Datasheet(PDF) 9 Page - ATMEL Corporation

No. de pieza TS68040DESC01XAA
Descripción Electrónicos  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040DESC01XAA Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS68040DESC01XAA Datasheet HTML 5Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 6Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 7Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 8Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 9Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 10Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 11Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 12Page - ATMEL Corporation TS68040DESC01XAA Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
TS68040
2116A–HIREL–09/02
The precise case outlines are described at the end of the specification (See “Package
Mechanical Data” on page 43.) and into MIL-STD-1835.
Electrical Characteristics
Absolute Maximum Ratings
Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and affect
reliability.
Note:
1. This device is not tested at TC = +125°C. Testing is performed by setting the junction temperature Tj = +125°C and allowing
the case and ambient temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
Note:
1. This device is not tested at TC = +125°C. Testing is performed by setting the junction temperature T
J = +125°C and allowing
the case and ambient temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
Table 4. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Max
Unit
V
CC
Supply Voltage Range
-0.3
7.0
V
V
I
Input Voltage Range
-0.3
7.0
V
P
D
Power Dissipation
Large buffers enabled
7.7
W
Small buffers enabled
6.3
W
T
C
Operating Temperature
-55
T
J
°C
T
stg
Storage Temperature Range
-65
+150
°C
T
J
Junction Temperature
(1)
+125
°C
T
lead
Lead Temperature
Max.10 sec soldering
+300
°C
Table 5. Recommended Conditions of Use
Unless otherwise stated, all voltages are referenced to the reference terminal
Symbol
Parameter
Min
Typ
Max
Unit
V
CC
Supply Voltage Range
+4.75
+5.25
V
VIL
Logic Low Level Input Voltage Range
GND
- 0.3
0.8
V
V
IH
Logic High Level Input Voltage Range
+2.0
V
CC + 0.3
V
V
OH
High Level Output Voltage
2.4
V
VOL
Low Level Output Voltage
0.5
V
f
c
Clock Frequency
-25 MHz Version
25
MHz
-33 MHz Version
33
MHz
TC
Case Operating Temperature Range
(1)
-55
TJmax
°C
T
J
Maximum Operating Junction Temperature
+125
°C


Número de pieza similar - TS68040DESC01XAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Descripción similar - TS68040DESC01XAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com