Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1823A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC1823A
Descripción Electrónicos  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC1823A Datasheet(HTML) 5 Page - Texas Instruments

  UC1823A Datasheet HTML 1Page - Texas Instruments UC1823A Datasheet HTML 2Page - Texas Instruments UC1823A Datasheet HTML 3Page - Texas Instruments UC1823A Datasheet HTML 4Page - Texas Instruments UC1823A Datasheet HTML 5Page - Texas Instruments UC1823A Datasheet HTML 6Page - Texas Instruments UC1823A Datasheet HTML 7Page - Texas Instruments UC1823A Datasheet HTML 8Page - Texas Instruments UC1823A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
APPLICATIONS INFORMATION (cont.)
Maximum Duty Cycle vs RT Curve
Oscillator Frequency vs. RT and CT Curve
OSCILLATOR (cont.)
LEADING EDGE BLANKING
The UC3823A,B/3825A,B performs fixed frequency pulse
width modulation control. The UC3823A,B outputs oper-
ate together at the switching frequency and can vary from
0 to some value less than 100%. The UC3825A,B outputs
are alternately controlled. During every other cycle, one
output will be off. Each output then, switches at one-half
the oscillator frequency, varying in duty cycle from 0 to less
than 50%.
To limit maximum duty cycle, the internal clock pulse
blanks both outputs low during the discharge time of the
oscillator. On the falling edge of the clock, the appropriate
output(s) is driven high. The end of the pulse is controlled
by the PWM comparator, current limit comparator, or the
overcurrent comparator.
Normally the PWM comparator will sense a ramp cross-
ing a control voltage (error amp output) and terminate the
pulse. Leading edge blanking (LEB) causes the PWM
comparator to be ignored for a fixed amount of time after
the start of the pulse. This allows noise inherent with
switched mode power conversion to be rejected. The
PWM ramp input may not require any filtering as result of
leading edge blanking.
To program a Leading Edge Blanking period, connect a
capacitor, C, to CLK/LEB. The discharge time set by C and
the internal 10k resistor will determine the blanked inter-
val. The 10k resistor has a 10% tolerance. For more ac-
curacy, an external 2k 1% resistor, R, can be added, re-
sulting in an equivalent resistance of 1.66k with a tolerance
of 2.4%. The design equation is:
tLEB = 0.5 • (R | | 10k) • C.
Values of R less than 2k should not be used
Leading edge blanking is also applied to the current limit
comparator. After LEB, if the ILIM pin exceeds the one
volt threshold, the pulse is terminated. The over current
comparator, however, is not blanked. It will catch catas-
trophic over current faults without a blanking delay. Any
time the ILIM pin exceeds 1.2V, the fault latch will be set
and the outputs driven low. For this reason, some noise
filtering may be required on the ILIM pin.
LEB Operational Waveforms
UDG-95103
UDG-95104
UDG-95105


Número de pieza similar - UC1823A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823A TI1-UC1823A Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823A TI1-UC1823A Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Descripción similar - UC1823A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com