Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74437529203331 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 74437529203331
Descripción Electrónicos  WE-HCF Round Wire SMD High Current Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74437529203331 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74437529203331 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203331 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203331 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203331 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203331 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
28,0 max.
6,0 ±0,3
10,0 ±0,3
Scale - 1:1
Marking
74437529203331/ Date code (YYWW)
Product Marking:
Recommended Land Pattern: [mm]
8,0
Scale - 1:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10 mA
L
330
µH
±20%
Rated Current
ΔT = 50 K
IR
6.1
A
max.
Saturation Current
|ΔL/L| < 30 %
ISAT
4.3
A
typ.
DC Resistance
@ 20 °C
RDC
70.45
±10%
Self Resonant Frequency
fres
2.4
MHz
typ.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +75 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ElGa
DIN ISO 2768-1m
DESCRIPTION
WE-HCF Round Wire SMD High
Current Inductor
ORDER CODE
74437529203331
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
2920
001.000
Valid
2016-11-23
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 74437529203331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74437529203331 WURTH-74437529203331 Datasheet
819Kb / 8P
   WE-HCF Round Wire SMT High Current Inductor
004.000
74437529203331 WURTH-74437529203331_V01 Datasheet
819Kb / 8P
   WE-HCF Round Wire SMT High Current Inductor
004.000
More results

Descripción similar - 74437529203331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74437529203470 WURTH-74437529203470 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203681 WURTH-74437529203681 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203151 WURTH-74437529203151 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203101 WURTH-74437529203101 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203471 WURTH-74437529203471 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203680 WURTH-74437529203680 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203220 WURTH-74437529203220 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203221 WURTH-74437529203221 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203330 WURTH-74437529203330 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203151 WURTH-74437529203151_V01 Datasheet
819Kb / 8P
   WE-HCF Round Wire SMT High Current Inductor
004.000
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com