Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1PS66SB63 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 1PS66SB63
Descripción Electrónicos  5 V, 20 mA low Cd Schottky barrier diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS66SB63 Datasheet(HTML) 1 Page - NXP Semiconductors

  1PS66SB63 Datasheet HTML 1Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 2Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 3Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 4Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 5Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 6Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 7Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 8Page - NXP Semiconductors 1PS66SB63 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar low capacitance Schottky barrier diodes encapsulated in ultra small SMD plastic
packages.
1.2 Features
s Very low diode capacitance
s Very low forward voltage
s Ultra small SMD plastic packages.
1.3 Applications
s Digital applications:
x Ultra high-speed switching
x Clamping circuits.
s RF applications:
x Diode ring mixer
x RF detector
x RF voltage doubler.
1.4 Quick reference data
1PS66SB63; 1PS79SB63
5 V, 20 mA low Cd Schottky barrier diodes
Rev. 02 — 3 December 2004
Product data sheet
Table 1:
Product overview
Type number
Package
Configuration
Philips
JEITA
1PS66SB63
SOT666
-
triple isolated diode
1PS79SB63
SOD523
SC-79
single diode
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
continuous forward current
-
-
20
mA
VR
continuous reverse voltage
-
-
5
V
Cd
diode capacitance
VR = 0 V;
f = 1 MHz;
see Figure 3
-
0.35
0.5
pF


Número de pieza similar - 1PS66SB63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS66SB17 NXP-1PS66SB17 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
More results

Descripción similar - 1PS66SB63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PSXSB17 PHILIPS-1PSXSB17_15 Datasheet
56Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
BAT54GW NEXPERIA-BAT54GW Datasheet
679Kb / 12P
   30 V, 200 mA Schottky barrier diodes
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com