Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2N5062RLRA Datasheet(Hoja de datos) 2 Page - ON Semiconductor

No. de Pieza. 2N5062RLRA
Descripción  Sensitive Gate Silicon Controlled Rectifiers
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 2 page
background image
2N5060 Series
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = *40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
2N5060
2N5061
2N5062
2N5064
VDRM,
VRRM
30
60
100
200
V
On-State Current RMS (180
° Conduction Angles; TC = 80°C)
IT(RMS)
0.8
A
*Average On-State Current
(180
° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Peak Non-repetitive Surge Current,
TA = 25°C
(1/2 cycle, Sine Wave, 60 Hz)
ITSM
10
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.4
A2s
*Average On-State Current
(180
° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Forward Peak Gate Power (Pulse Width
v 1.0 msec; TA = 25°C)
PGM
0.1
W
*Forward Average Gate Power (TA = 25°C, t = 8.3 ms)
PG(AV)
0.01
W
*Forward Peak Gate Current (Pulse Width
v 1.0 msec; TA = 25°C)
IGM
1.0
A
*Reverse Peak Gate Voltage (Pulse Width
v 1.0 msec; TA = 25°C)
VRGM
5.0
V
*Operating Junction Temperature Range
TJ
−40 to +110
°C
*Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case (Note 2)
RqJC
75
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
*Lead Solder Temperature (Lead Length
q 1/16″ from case, 10 s Max)
+230*
°C
2. This measurement is made with the case mounted “flat side down” on a heatsink and held in position by means of a metal clamp over the
curved surface.
*Indicates JEDEC Registered Data.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
S406010 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 List of Unclassifed Manufacturers
MCR100SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1 2 3 4 Unisonic Technologies
MCK22-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 List of Unclassifed Manufacturers
MCR100Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
C106Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
MCR106Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 ON Semiconductor
MCR72-3SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 ON Semiconductor
MCR101SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1 2 3 4 Unisonic Technologies
MCR08BSENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl