Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTCLE201E3C90028 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza NTCLE201E3C90028
Descripción Electrónicos  NTC Thermistors, Long Non-Insulated Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE201E3C90028 Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE201E3C90028_17 Datasheet HTML 1Page - Vishay Siliconix NTCLE201E3C90028_17 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTCLE201E3C90028
www.vishay.com
Vishay BCcomponents
Revision: 14-Jun-17
1
Document Number: 29057
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Long Non-Insulated Leads
DIMENSIONS in millimeters
FEATURES
• Long and flexible leads for special mounting or
assembly requirements
• Fast response time of less then 0.5 s
• Small head diameter
• Mounting: radial
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control
DESCRIPTION
These negative temperature coefficient thermistors consist
of a mini-chip soldered between two tinned solid nickel
leads. The body of the device is coated with an ocher
colored epoxy lacquer.
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/.
Other values and tolerances are available on request.
PACKAGING
The thermistors are packed in cardboard boxes; each box
containing 1000 units (10 plastic bags, each containing
100 units).
MARKING
The thermistor body has no marking.
MOUNTING
By soldering in any position.
Not suitable for potted application.
DERATING
Power derating curve
Note
• Zero power is considered as measuring power max. 1 % of max.
power
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
10K
Ω
Tolerance on
R25-value
± 5
%
B25/85-value
3977
K
Tolerance on B25/85-value
± 0.75
%
Maximum power dissipation
100
mW
Operating temperature range at zero
dissipation
-40 to +125
°C
Response time
0.45
s
Dissipation factor
τ
1.4
mW/K
Weight
≈ 0.16
g
110 ± 5.0
8.0 max.
Ø
0.3 ± 0.03
2.5
max.
2.5
max.
055
- 40
85
125
Tamb (°C)
100
0
P
(%)
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
Ω)
R25-TOL.
(
± %)
B25/85
(K)
B25/85-TOL.
(± %)
DESCRIPTION
SAP MATERIAL AND
ORDERING NUMBER
10 000
5
3977
0.75
NTC nickel 0.3 10K 5 % bulk e3
NTCLE201E3C90028


Número de pieza similar - NTCLE201E3C90028_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
More results

Descripción similar - NTCLE201E3C90028_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLS100 VISHAY-NTCLS100 Datasheet
99Kb / 6P
   NTC Thermistors, Sleeved Long PVC Leads Sensors
01-Jan-2022
NTCLP100 VISHAY-NTCLP100 Datasheet
103Kb / 6P
   NTC Thermistors, Pipe PVC Long Leads Sensors
01-Jan-2022
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
93Kb / 5P
   NTC Thermistors, Micro Chip Sensor Insulated Leads
Revision: 14-Jun-10
NTCLE413E3502H102L VISHAY-NTCLE413E3502H102L Datasheet
134Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 12-Oct-12
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com