Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

M54544L Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de Pieza. M54544L
Descripción  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

M54544L Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544L
MITSUBISHI <CONTROL / DRIVER IC>
TYPICAL CHARACTERISTICS
Thermal Derating (Absolute Maximum Rating)
Ambient Temperature Ta (
°C)
8
6
4
2
0
0
25
50
75
100
When Al heat sink of
25cm2 x 1.5mm(t) is used
Free
Air
“H” Output Saturation Characteristics
“H” Output Voltage VCC’– VOH (V)
-600
-500
-400
-300
0
0.0
0.2
0.4
0.6
0.8
-200
-100
1.0
VCC=VCC’=12V
Ta=75˚C
Ta=25˚C
Ta=-20˚C
“L” Output Saturation Characteristics
“L” Output Voltage VOL (V)
600
500
400
300
0
0.0
0.2
0.4
0.6
0.8
200
100
1.0
VCC=VCC’=12V
Ta=75˚C
Ta=50˚C
Ta=50˚C
Ta=25˚C
Ta=-20˚C


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn