Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM5NC50CP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM5NC50CP
Descripción Electrónicos  Halogen-free according to IEC 61249-2-21
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM5NC50CP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM5NC50CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM5NC50CP
Taiwan Semiconductor
2
Version: A1609
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
500
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2.5
3.3
4.5
V
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
IDSS
--
--
1
µA
Drain-Source On-State Resistance
(Note 4)
VGS = 10V, ID = 2.4A
RDS(on)
--
1.2
1.38
Ω
Dynamic
(Note 5)
Total Gate Charge
VDS = 400V, ID = 4.8A,
VGS = 10V
Qg
--
15
--
nC
Gate-Source Charge
Qgs
--
4
--
Gate-Drain Charge
Qgd
--
7
--
Input Capacitance
VDS = 50V, VGS = 0V,
f = 1.0MHz
Ciss
--
586
--
pF
Output Capacitance
Coss
--
45
--
Reverse Transfer Capacitance
Crss
--
1
--
Gate Resistance
f = 1.0MHz
Rg
--
2.9
5.8
Ω
Switching
(Note 6)
Turn-On Delay Time
VDD = 250V, RG = 5Ω,
ID = 4.8A, VGS = 10V
td(on)
--
8.2
--
ns
Turn-On Rise Time
tr
--
20.4
--
Turn-Off Delay Time
td(off)
--
15.4
--
Turn-Off Fall Time
tf
--
20
--
Source-Drain Diode
Forward Voltage
(Note 4)
IS = 4.8A, VGS = 0V
VSD
--
--
1.3
V
Reverse Recovery Time
IS = 4.8A
dIF/dt = 100A/μs
trr
--
205
--
ns
Reverse Recovery Charge
Qrr
--
1.5
--
μC
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
L = 20mH, IAS = 3.5A, VDD = 50V, RG = 25Ω, Starting TJ = 25
oC
4.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%
5.
For DESIGN AID ONLY, not subject to production testing.
6.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM5NC50CP ROG
TO-252 (DPAK)
2,500pcs / 13
” Reel


Número de pieza similar - TSM5NC50CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM5NC50CF TSC-TSM5NC50CF Datasheet
413Kb / 6P
   Advanced planar process
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
More results

Descripción similar - TSM5NC50CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com