Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8801IDRB Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC8801IDRB
Descripción Electrónicos  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8801IDRB Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC8801IDRB Datasheet HTML 1Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 2Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 3Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 4Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 5Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 6Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 7Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 8Page - Burr-Brown (TI) DAC8801IDRB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
PIN ASSIGNMENTS
1
8
CLK
CS
DRB PACKAGE
(TOP VIEW)
VDD
4
CLK
DGK PACKAGE
(TOP VIEW)
SDI
RFB
VREF
VDD
IOUT
GND
RFB
SDI
VREF
CS
IOUT
GND
3
2
1
5
6
7
8
7
6
5
2
3
4
DAC8801
SLAS403A – NOVEMBER 2004 – REVISED DECEMBER 2004
TERMINAL FUNCTIONS
PIN
NAME
DESCRIPTION
1
CLK
Clock input, positive edge triggered clocks data into shift register
Serial register input, data loads directly into the shift register MSB first. Extra leading
2
SDI
bits are ignored.
3
RFB
Internal matching feedback resistor. Connect to external op amp output.
DAC reference input pin. Establishes DAC full-scale voltage. Constant input resistance
4
VREF
versus code.
5
IOUT
DAC current output. Connects to inverting terminal of external precision I to V op amp.
6
GND
Analog and digital ground
7
VDD
Posiitve power supply input. Specified range of operation 2.7 V to 5.5 V.
Chip select, active low digital input. Transfers shift register data to DAC register on
8
CS
rising edge. See Table 1 for operation.
4


Número de pieza similar - DAC8801IDRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8801IDRBR TI1-DAC8801IDRBR Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDRBT TI1-DAC8801IDRBT Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Descripción similar - DAC8801IDRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com